Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 1 Page - Cirrus Logic

  CS61884 Datasheet HTML 1Page - Cirrus Logic CS61884 Datasheet HTML 2Page - Cirrus Logic CS61884 Datasheet HTML 3Page - Cirrus Logic CS61884 Datasheet HTML 4Page - Cirrus Logic CS61884 Datasheet HTML 5Page - Cirrus Logic CS61884 Datasheet HTML 6Page - Cirrus Logic CS61884 Datasheet HTML 7Page - Cirrus Logic CS61884 Datasheet HTML 8Page - Cirrus Logic CS61884 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS61884
Octal T1/E1/J1 Line Interface Unit
Features
Industry Standard Footprint
Octal E1/T1/J1 Short-haul Line Interface Unit
Low Power
No External Component Changes for
100
Ω/120 Ω/75 Ω Operation
Pulse Shapes can be customized by the user
Internal AMI, B8ZS, or HDB3 Encoding/Decoding
LOS Detection per T1.231, ITU G.775, ETSI 300-233
G.772 Non-Intrusive Monitoring
G.703 BITS Clock Recovery
Crystal-less Jitter Attenuation
Serial/Parallel Microprocessor Control Interfaces
Transmitter Short Circuit Current Limiter (<50mA)
TX Drivers with Fast High-Z and Power Down
JTAG Boundary Scan compliant to IEEE 1149.1
144-Pin LQFP or 160-Pin BGA Package
ORDERING INFORMATION
CS61884-IQ
144-pin LQFP
CS61884-IB
160-pin FBGA
Description
The CS61884 is a full-featured Octal E1/T1/J1 short-
haul LIU that supports both 1.544 Mbps or 2.048 Mbps
data transmission. Each channel provides crystal-less
jitter attenuation that complies with the most stringent
standards.
Each
channel
also
provides
internal
AMI/B8ZS/HDB3 encoding/decoding. To support en-
hanced system diagnostics, channel zero can be
configured for G.772 non-intrusive monitoring of any of
the other 7 channels’ receive or transmit paths.
The CS61884 makes use of ultra low power matched im-
pedance transmitters and receivers to reduce power
beyond that achieved by traditional driver designs. By
achieving a more precise line match, this technique also
provides superior return loss characteristics. Additional-
ly, the internal line matching circuitry reduces the
external component count. All transmitters have controls
for independent power down and High-Z.
Each receiver provides reliable data recovery with over
12 dB of cable attenuation. The receiver also incorpo-
rates LOS detection compliant to the most recent
specifications.
Note: Click on any text in blue to go to cross-references.
RPOS
RNEG
TPOS
TNEG
TCLK
LOS
RTIP
RRING
TTIP
TRING
RCLK
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0000000000000000000000000000000000000000000000000000000000000000000000000000
0
1
7
JTAG Interface
Driver
Receiver
LOS
Transmit
Control
Pulse
Shaper
Data
Recovery
Jitter
Attenuator
Clock
Recovery
Host Interface
JTAG
Serial
Port
Host
Serial/Parallel
Port
MAY ‘02
DS485PP4


Similar Part No. - CS61884

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IB CIRRUS-CS61884-IB Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IQZ CIRRUS-CS61884-IQZ Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
More results

Similar Description - CS61884

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com