Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 54Page - Cirrus Logic CS61884 Datasheet HTML 55Page - Cirrus Logic CS61884 Datasheet HTML 56Page - Cirrus Logic CS61884 Datasheet HTML 57Page - Cirrus Logic CS61884 Datasheet HTML 58Page - Cirrus Logic CS61884 Datasheet HTML 59Page - Cirrus Logic CS61884 Datasheet HTML 60Page - Cirrus Logic CS61884 Datasheet HTML 61Page - Cirrus Logic CS61884 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
CS61884
58
DS485PP4
110
100
1K
10K
0
Frequency in Hz
+0.5
2
57
1.4K
20
400
40
+10
-10
-20
-30
-50
-40
-60
- 19.5
-6
-70
100K
AT&T 62411
Minimum Attenuation
ITU G.736
TYP. T1 @ 3.78Hz CF
TYP. E1 @ 1.25 Hz CF
TYP. E1 @ 2.5 Hz CF
TYP. T1 @ 7.56Hz CF
AT&T 62411
Maximum Attenuation
Figure 19. Jitter Transfer Characteristic vs. G.736, TBR 12/13 & AT&T 62411
FREQUENCY IN Hz
110
1k
100
100k
1.8
4.9
20
300
10k
2.4k
18k
1
.1
10
100
.2
.4
1.5
1000
18
28
138
300
AT&T 62411
ITU G.823
TYP. E1 Performance
TYP. T1 Performance
Figure 20. Jitter Tolerance Characteristic vs. G.823 & AT&T 62411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com