Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 17Page - Cirrus Logic CS61884 Datasheet HTML 18Page - Cirrus Logic CS61884 Datasheet HTML 19Page - Cirrus Logic CS61884 Datasheet HTML 20Page - Cirrus Logic CS61884 Datasheet HTML 21Page - Cirrus Logic CS61884 Datasheet HTML 22Page - Cirrus Logic CS61884 Datasheet HTML 23Page - Cirrus Logic CS61884 Datasheet HTML 24Page - Cirrus Logic CS61884 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
CS61884
DS485PP4
21
3.8 JTAG Test Interface
3.9 Miscellaneous
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
TRST
95
G12
I
JTAG Reset
This active Low input resets the JTAG controller. This input
is pulled up internally and may be left as a NC when not
used.
TMS
96
F11
I
JTAG Test Mode Select Input
This input enables the JTAG serial port when active High.
This input is sampled on the rising edge of TCK. This input
is pulled up internally and may be left as a NC when not
used.
TCK
97
F14
I
JTAG Test Clock
Data on TDI is valid on the rising edge of TCK. Data on
TDO is valid on the falling edge of TCK. When TCK is
stopped high or low, the contents of all JTAG registers re-
main unchanged. Tie pin low through a 10 K
Ω resistor
when not used.
TDO
98
F13
O
JTAG Test Data Output
JTAG test data is shifted out of the device on this pin. Data
is output on the falling edge of TCK. Leave as NC when not
used.
TDI
99
F12
I
JTAG Test Data Input
JTAG test data is shifted into the device using this pin. The
pin is sampled on the rising edge of TCK. TDI is pulled up
internally and may be left as a NC when not used.
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
REF
94
H13
I
Reference Input
This pin must be tied to ground through 13.3 K
Ω 1% resis-
tor. This pin is used to set the internal current level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com