Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 21Page - Cirrus Logic CS61884 Datasheet HTML 22Page - Cirrus Logic CS61884 Datasheet HTML 23Page - Cirrus Logic CS61884 Datasheet HTML 24Page - Cirrus Logic CS61884 Datasheet HTML 25Page - Cirrus Logic CS61884 Datasheet HTML 26Page - Cirrus Logic CS61884 Datasheet HTML 27Page - Cirrus Logic CS61884 Datasheet HTML 28Page - Cirrus Logic CS61884 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
CS61884
DS485PP4
25
The CS61884 also allows the user to customize the
transmit pulse shapes to compensate for non-stan-
dard cables, transformers, or protection circuitry.
For further information on the AWG Refer to Ar-
bitrary Waveform Generator (See Section15on
page 43).
For more information on the host mode registers,
refer to Register Descriptions (See Section 14 on
page 35).
9.1 Bipolar Mode
Bipolar mode provides transparent operation for
applications in which the line coding function is
performed by an external framing device. In this
mode, the falling edge of TCLK samples NRZ data
on TPOS/TNEG for transmission on TTIP/TRING.
9.2 Unipolar Mode
In unipolar mode, the CS61884 is configured such
that transmit data is encoded using B8ZS, HDB3,
or AMI line codes. This mode is activated by hold-
ing TNEG/UBS “High” for more than 16 TCLK
cycles. Transmit data is input to the part via the
TPOS/TDATA pin on the falling edge of TCLK.
When operating the part in hardware mode, the
CODEN pin is used to select between B8ZS/HDB3
or AMI encoding. During host mode operation, the
line coding is selected via the Global Control Reg-
ister (0Fh) (See Section 14.16 on page 38).
NOTE: The encoders/decoders are selected for all
eight channels in both hardware and host
mode.
9.3 RZ Mode
In RZ mode, the internal pulse shape circuitry is
bypassed and RZ data driven into TPOS/TNEG is
transmitted on TTIP/TRING. In this mode, the
pulse width of the transmitter output is determined
by the width of the RZ signal input to
TPOS/TNEG. This mode is entered when MCLK
does not exist and TCLK is held “High” for at least
12
µsec.
9.4 Transmitter Powerdown / High-Z
The transmitters can be forced into a high imped-
ance, low power state by holding TCLK of the ap-
propriate channel low for at least 12
µs or 140
MCLK cycles. In hardware and host mode, the
TXOE pin forces all eight transmitters into a high
impedance state within 1
µs.
In host mode, each transmitter is individually con-
trollable using the Output Disable Register (12h)
(See Section 14.19 on page 39). The TXOE pin can
be used in host mode, but does not effect the con-
tents of the Output Enable Register. This feature is
useful in applications that require redundancy.
9.5 Transmit All Ones (TAOS)
When TAOS is activated, continuous ones are
transmitted on TTIP/TRING using MCLK as the
transmit timing reference. In this mode, the TPOS
and TNEG inputs are ignored.
In hardware mode, TAOS is activated by pulling
TCLK “High” for more than 16 MCLK cycles.
Table 5. Hardware Mode Line Length Configuration Selection
LEN[2:0]
Transmit Pulse Configuration
Line Z
Operation
000
E1 3.0V / E1 2.37V
120
Ω / 75Ω
E1
001
DS1, Option A (undershoot)
100
Ω
T1/J1
010
DS1, Option A (0 dB)
100
Ω
T1/J1
011
DSX-1: 0-133 ft. (0.6dB)
100
Ω
T1/J1
100
DSX-1: 133-266 ft. (1.2dB)
100
Ω
T1/J1
101
DSX-1: 266-399 ft. (1.8dB)
100
Ω
T1/J1
110
DSX-1: 399-533 ft. (2.4dB)
100
Ω
T1/J1
111
DSX-1: 533-655 ft. (3.0dB)
100
Ω
T1/J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com