Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 36Page - Cirrus Logic CS61884 Datasheet HTML 37Page - Cirrus Logic CS61884 Datasheet HTML 38Page - Cirrus Logic CS61884 Datasheet HTML 39Page - Cirrus Logic CS61884 Datasheet HTML 40Page - Cirrus Logic CS61884 Datasheet HTML 41Page - Cirrus Logic CS61884 Datasheet HTML 42Page - Cirrus Logic CS61884 Datasheet HTML 43Page - Cirrus Logic CS61884 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
CS61884
40
DS485PP4
14.22 AIS Interrupt Status Register (15h)
14.23 AWG Broadcast Register (16h)
14.24 AWG Phase Address Register (17h)
14.25 AWG Phase Data Register (18h)
14.26 AWG Enable Register (19h)
BIT
NAME
Description
[7:0]
AISI 7-0
Bitn is setto “1” to indicate a change of status of bit n in the AIS Status Register. The bits in
this register indicate which channel changed in status since the last cleared AIS interrupt.
Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
AWGB 7-0
Setting bit n to “1” causes the phase data in the AWG Phase Data Register to be written to
the corresponding channel or channels simultaneously. (Refer to Arbitrary Waveform Gen-
erator (See Section 15 on page 43). Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:5]
AWGA
These bits specify the target channel 0-7. (Refer to Arbitrary Waveform Generator (See
Section 15 on page 43). Register bits default to 00h after power-up or reset.
[4:0]
PA[4:0]
These bits specify 1 of 24 (E1) or 26/28 (T1/J1) phase sample address locations of the AWG,
that the phase data in the AWG Phase Data Register is written to or read from. The other
locations in each channel’s phase sample addresses are not used, and should not be
accessed. Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7]
RSVD
RESERVED (This bit must be set to 0.)
[6:0]
AWGD [6:0]
These bits are used for the pulse shape data that will be written to the AWG phase location
specified by the AWG Phase Address Register. The value written to or read from this register
will be written to or read from the AWG phase sample location specified by the AWG Phase
Address register. A software reset through the Software Reset Register does not effect the
contents of this register. The data in each phase is a 7-bit 2’s complement number (the max-
imum positive value is 3Fh and the maximum negative value is 40h). (Refer to Arbitrary
Waveform Generator (See Section15onpage 43). Register bits default to 00h after
power-up.
BIT
NAME
Description
[7:0]
AWGN 7-0
The AWG enable register is used for selecting the source of the customized transmission
pulse-shape. Setting bit n to “1” in this register selects the AWG as the source of the output
pulse shape for channel n. When bit n is set to “0” the pre-programmed pulse shape in the
ROM is selected for transmission on channel n. (Refer to Arbitrary Waveform Generator
(See Section 15 on page 43). Register bits default to 00h after power-up or reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com