Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 51Page - Cirrus Logic CS61884 Datasheet HTML 52Page - Cirrus Logic CS61884 Datasheet HTML 53Page - Cirrus Logic CS61884 Datasheet HTML 54Page - Cirrus Logic CS61884 Datasheet HTML 55Page - Cirrus Logic CS61884 Datasheet HTML 56Page - Cirrus Logic CS61884 Datasheet HTML 57Page - Cirrus Logic CS61884 Datasheet HTML 58Page - Cirrus Logic CS61884 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
CS61884
DS485PP4
55
19.3 Digital Characteristics
(TA = -40
°Cto85°C; TV+, RV+ = 3.3 V ±5%; GND = 0 V)
19.4 Transmitter Analog Characteristics
(TA = -40
°Cto 85°C; TV+, RV+ = 3.3 V ±5%; GND = 0 V)
Parameter
Symbol
Min.
Typ
Max
Units
High-Level Input Voltage
Note 6
VIH
2.0
-
-
V
Low-Level Input Voltage
Note 6
VIL
--
0.8
V
LOOP[7:0] Low-Level Input Voltage
VIHL
-
-
1/3 VCCIO-0.2
V
LOOP[7:0] Mid-Level Input Voltage
VIHM
1/3 VCCIO +0.2 1/2 VCCIO 2/3 VCCIO-0.2
V
LOOP[7:0] High-Level Input Voltage
VIHH
2/3 VCCIO +0.2
-
-
V
High-Level Output Voltage
Notes 6, 7
IOUT =-400 µA
VOH
2.4
-
-
V
Low-Level Output Voltage
Notes 6, 7
IOUT =1.6 mA
VOL
--
0.4
V
Input Leakage Current
-10
-
+10
µA
Input leakage for LOOP pins
-150
-
+150
µA
Parameter
Min.
Typ
Max
Units
Output Pulse Amplitudes
E1 75
Ω
Notes 8, 9, 10
E1 120
Ω
T1/J1 100
Ω
2.14
2.7
2.4
2.37
3.0
3.0
2.6
3.3
3.6
V
V
V
Ratio of Positive to Negative pulses
T1/J1 100
Ω
Notes 8, 9, 10
E1, amplitude at center of pulse interval
E1, width at 50% of nominal amplitude
0.95
0.95
0.95
-
-
-
1.05
1.05
1.05
Pulse Amplitude of a space
T1/J1 100
Ω
E1 120
Ω
E1 75
Ω
-0.15
-0.3
-0.237
-
-
-
0.15
0.3
0.237
V
V
V
Power in 2 kHz band about 772 kHz
Notes 11, 12
(T1/J1 100
Ω only)
12.6
-
-
dBm
Power in 2 kHz band about 1.544 MHz
Notes 11, 12
(referenced to power in 2 kHz band at 772 kHz, T1/J1 100
Ω only)
-29
-
-
dBm
Transmit Return Loss - E1
51 kHz to 102 kHz
102 kH to 2048 kHz
Notes 11, 12, 13
2048 kHz to 3072 kHz
-14
-14
-14
-20
-19
-18
-
-
-
dB
Transmit Return Loss - T1/J1
51 kHz to 102 kHz
102 kHz to 2048 kHz
Notes 11, 12, 13
2048 kHz to 3072 kHz
-14
-14
-14
-19
-19
-18
-
-
-
dB
Jitter Added by the Transmitter
10 Hz - 8 kHz
8kHz -40kHz
Notes 11, 14
10 Hz - 40 kHz
Broad Band
-
-
-
-
0.010
0.009
0.007
0.015
0.020
0.025
0.025
0.050
UI
Transmitter Short Circuit Current per channel
-
-
50
mA RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com