Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 32Page - Cirrus Logic CS61884 Datasheet HTML 33Page - Cirrus Logic CS61884 Datasheet HTML 34Page - Cirrus Logic CS61884 Datasheet HTML 35Page - Cirrus Logic CS61884 Datasheet HTML 36Page - Cirrus Logic CS61884 Datasheet HTML 37Page - Cirrus Logic CS61884 Datasheet HTML 38Page - Cirrus Logic CS61884 Datasheet HTML 39Page - Cirrus Logic CS61884 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
CS61884
36
DS485PP4
14.7 LOS Interrupt Enable Register (06h)
14.8 DFM Interrupt Enable Register (07h)
14.9 LOS Interrupt Status Register (08h)
14.10 DFM Interrupt Status Register (09h)
14.11 Software Reset Register (0Ah)
14.12 Performance Monitor Register (0Bh)
BIT
NAME
Description
[7:0]
LOSE 7-0
Any change in a LOS Status Register bits will cause the INT pin to go low if corresponding bit
in this register is set to “1”. Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
DFME 7-0
Enables interrupts for failures detected by the DFM. Any change in a DFM Status Register bit
will cause an interrupt if the corresponding bit is set to “1” in this register. Register bits
default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
LOSI 7-0
Bit n of this register is set to “1” to indicate a status change in bit n of the LOS Status Regis-
ter. The bits in this register indicate a change in status since the last cleared LOS interrupt.
Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
DFMI 7-0
Bit n of this register is set to “1” to indicate a status change in bit n of the DFM Status Regis-
ter. The bits in this register indicate a change in status since the last cleared DFM interrupt.
Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
SRES 7-0 Writing to this register initializes all registers to their default settings. Register bits default to
00h after power-up or reset.
BIT
NAME
Description
[7:4]
RSVD 7-4
RESERVED (These bits must be set to 0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com