Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 33Page - Cirrus Logic CS61884 Datasheet HTML 34Page - Cirrus Logic CS61884 Datasheet HTML 35Page - Cirrus Logic CS61884 Datasheet HTML 36Page - Cirrus Logic CS61884 Datasheet HTML 37Page - Cirrus Logic CS61884 Datasheet HTML 38Page - Cirrus Logic CS61884 Datasheet HTML 39Page - Cirrus Logic CS61884 Datasheet HTML 40Page - Cirrus Logic CS61884 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
CS61884
DS485PP4
37
14.13 Digital Loopback Reset Register (0Ch)
14.14 LOS/AIS Mode Enable Register (0Dh)
14.15 Automatic TAOS Register (0Eh)
[3:0]
A[3:0]
The G.772 Monitor is directed to a given channel based on the state of the four least signifi-
cant bits of this register. Register bits default to 00h after power-up or reset. The follow-
ing table shows the settings needed to select a specific channel’s receiver or transmitter to
perform G.772 monitoring.
A[3:0]
Channel Selection
0000
Monitoring Disabled
0001
RX Channel #1
0010
RX Channel #2
0011
RX Channel #3
0100
RX Channel #4
0101
RX Channel #5
0110
RX Channel #6
0111
RX Channel #7
1000
Monitoring Disabled
1001
TX Channel #1
1010
TX Channel #2
1011
TX Channel #3
1100
TX Channel #4
1101
TX Channel #5
1110
TX Channel #6
1111
TX Channel #7
BIT
NAME
Description
[7:0]
DLBK 7-0
Setting register bit n to “1” enables the digital loopback for channel n. Refer to Digital Loop-
back (See Section 12.3 on page 30) for a complete explanation. Register bits default to
00h after power-up or reset.
BIT
NAME
Description
[7:0]
LAME 7-0 T1/J1 MODE - These bits are “Do Not Care”, T1.231 Compliant LOS/AIS already used.
E1 Mode - Setting bit n to “1” enables ETSI 300 233 compliant LOS/AIS for channel n; set-
ting bit n to “0” enables ITU G.775 compliant LOS/AIS for channel n. Register bits default to
00h after power-up or reset.
BIT
NAME
Description
[7:0]
ATAO 7-0
Setting bit n to “1” enables automatic TAOS generation on channel n when LOS is detected.
Register bits default to 00h after power-up or reset.
(Continued)
BIT
NAME
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com