Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 28Page - Cirrus Logic CS61884 Datasheet HTML 29Page - Cirrus Logic CS61884 Datasheet HTML 30Page - Cirrus Logic CS61884 Datasheet HTML 31Page - Cirrus Logic CS61884 Datasheet HTML 32Page - Cirrus Logic CS61884 Datasheet HTML 33Page - Cirrus Logic CS61884 Datasheet HTML 34Page - Cirrus Logic CS61884 Datasheet HTML 35Page - Cirrus Logic CS61884 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
CS61884
32
DS485PP4
13. HOST MODE
Host mode allows the CS61884 to be configured
and monitored using an internal register set. (Refer
to Table 1, “Operation Mode Selection,” on
page 10). The term, “Host mode” applies to both
Parallel Host and Serial Host modes.
All of the internal registers are available in both Se-
rial and Parallel Host mode; the only difference is
in the functions of the interface pins, which are de-
scribed in Table 8.
Serial port operation is compatible with the serial
ports of most microcontrollers. Parallel port opera-
tion can be configured to be compatible with 8-bit
microcontrollers from Motorola or Intel, with both
multiplexed or non-multiplexed address/data bus-
ses. (Refer to Table 9 on page 34 for host mode
registers).
13.1 SOFTWARE RESET
A software reset can be forced by writing the Soft-
ware Reset Register (0Ah) (See Section 14.11 on
page 36). A software reset initializes all registers to
their default settings and initializes all internal state
machines.
13.2 Serial Port Operation
Serial port host mode operation is selected when
the MODE pin is left open or set to VCC/2. In this
mode, the CS61884 register set is accessed by set-
ting the chip select (CS) pin low and communicat-
ing over the SDI, SDO, and SCLK pins. Timing
over the serial port is independent of the transmit
and receive system timing. Figure 13 illustrates the
format of serial port data transfers.
A read or write is initiated by writing an ad-
dress/command byte (ACB) to SDI. Only the
ADR0-ADR4 bits are valid; bits ADR5-ADR6 are
do not cares. During a read cycle, the register data
addressed by the ACB is output on SDO on the next
eight SCLK clock cycles. During a write cycle, the
data byte immediately follows the ACB.
Data is written to and read from the serial port in
LSB first format. When writing to the port, SDI
data is sampled by the device on the rising edge of
SCLK. The valid clock edge of the data on SDO is
controlled by the CLKE pin. When CLKE is low,
data on SDO is valid on the falling edge of SCLK.
When CLKE is high, data on SDO is valid on the
raising edge of SCLK. The SDO pin is Hi-Z when
not transmitting. If the host processor has a bidirec-
tional I/O port, SDI and SDO may be tied together.
Table 8. Host Control Signal Descriptions
HOST CONTROL SIGNAL DESCRIPTIONS
PIN NAME
PIN #
HARDWARE
SERIAL
PARALLEL
MODE
11
LOW
VDD/2
HIGH
MUX
43
BITSEN0
-
MUX
CODEN/MOT/INTL88CODEN
-MOT/INTL
ADDR [4]
12
GND
-
ADDR[4]
ADDR[3:0]
13-16
ADDR[3:0]
-
ADDR [3:0]
LOOP[7:0], DATA[7:0]
28-21
LOOP[7:0]
-
DATA[7:0]
INT
82
Pulled Up
INT
INT
SDO/ACK/RDY
83
NC
SDO
ACK/RDY
LEN0/SDI/DS/WR
84
LEN0
SDI
DS/WR
LEN1/R/W/RD
85
LEN1
-
R/W/RD
LEN2/SCLK/AS/ALE
86
LEN2
SCLK
AS/ALE
JASEL/CS
87
JASEL
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com