Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 6Page - Cirrus Logic CS61884 Datasheet HTML 7Page - Cirrus Logic CS61884 Datasheet HTML 8Page - Cirrus Logic CS61884 Datasheet HTML 9Page - Cirrus Logic CS61884 Datasheet HTML 10Page - Cirrus Logic CS61884 Datasheet HTML 11Page - Cirrus Logic CS61884 Datasheet HTML 12Page - Cirrus Logic CS61884 Datasheet HTML 13Page - Cirrus Logic CS61884 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
CS61884
10
DS485PP4
3.2 Control
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
MCLK
10
E1
I
Master Clock Input
This pin is a free running reference clock that should be
either 1.544 MHz for T1/J1 or 2.048 MHz for E1 operation.
This timing reference is used as follows:
- Timing reference for the clock recovery and jitter attenua-
tion circuitry.
- RCLK reference during Loss of Signal (LOS) conditions
- Transmit clock reference during Transmit all Ones (TAOS)
condition
- Wait state timing for microprocessor interface
- When this pin is held “High”, the PLL clock recovery cir-
cuit is disabled. In this mode, the CS61884 receivers
function as simple data slicers.
- When this pin is held “Low”, the receiver paths are pow-
ered down and the output pins RCLK, RPOS, and RNEG
are High-Z.
MODE
11
E2
I
Mode Select
This pin is used to select whether the CS61884 operates in
Serial host, Parallel host or Hardware mode.
Host Mode - The CS61884 is controlled through either a
serial or a parallel microprocessor interface (Refer to HOST
MODE (See Section 13 on page 32).
Hardware Mode - The microprocessor interface is disabled
and the device control/status are provided through the pins
on the device.
NOTE: For serial host mode connect this pin to a resistor
divider consisting of two 10K
Ω resistors between
VCCIO and GNDIO.
Table 1. Operation Mode Selection
Pin State
OPERATING Mode
LOW
Hardware Mode
HIGH
Parallel Host Mode
VCCIO/2
Serial Host Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com