Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 19Page - Cirrus Logic CS61884 Datasheet HTML 20Page - Cirrus Logic CS61884 Datasheet HTML 21Page - Cirrus Logic CS61884 Datasheet HTML 22Page - Cirrus Logic CS61884 Datasheet HTML 23Page - Cirrus Logic CS61884 Datasheet HTML 24Page - Cirrus Logic CS61884 Datasheet HTML 25Page - Cirrus Logic CS61884 Datasheet HTML 26Page - Cirrus Logic CS61884 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
CS61884
DS485PP4
23
8. BUILDING INTEGRATED TIMING SYSTEMS (BITS) CLOCK MODE
This mode is used to enable one or more channels
as a stand-alone timing recovery unit used for
G.703 Clock Recovery.
In hardware mode, BITS Clock mode is selected by
pulling the MUX pin “HIGH”. This enables only
channel zero as a stand-alone timing recovery unit,
no other channel can be used as a timing recovery
unit.
In host mode, each channel can be setup as an inde-
pendent G.703 timing recovery unit, through the
Bits Clock Enable Register (1Eh) (See Section
14.31 on page 41), setting the desired bit to “1” en-
ables BITS Clock mode for that channel. The fol-
lowing diagrams show how the BITS clock
function operates.
T1 1:2
RRING
R1
R2
RECEIVE
LINE
0.1
µF
CS61884
One Receiver
RTIP
RCLK
RPOS
RNEG
Figure 3. G.703 BITS Clock Mode in NRZ Mode
T1 1:2
RRING
R1
R2
RECEIVE
LINE
0.1
µ F
CS61884
One Receiver
RTIP
RCLK
RPOS
RNEG
Figure 4. G.703 BITS Clock Mode in RZ Mode
T1 1:2
RRING
R1
R2
RECEIVE
LINE
0. 1
µ F
CS61884
One Channel
RTIP
RCLK
RPOS
RNEG
TCLK
TPOS
TNEG
REMOTE
LOOPBACK
T1 1:2
TRANMIT
LINE
TRING
TTIP
Figure 5. G.703 BITS Clock Mode in Remote Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com