Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 14Page - Cirrus Logic CS61884 Datasheet HTML 15Page - Cirrus Logic CS61884 Datasheet HTML 16Page - Cirrus Logic CS61884 Datasheet HTML 17Page - Cirrus Logic CS61884 Datasheet HTML 18Page - Cirrus Logic CS61884 Datasheet HTML 19Page - Cirrus Logic CS61884 Datasheet HTML 20Page - Cirrus Logic CS61884 Datasheet HTML 21Page - Cirrus Logic CS61884 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
CS61884
18
DS485PP4
RCLK2
78
M14
O
Receive Clock Output Port 2
RPOS2/RDATA2
77
M13
O
Receive Positive Pulse/ Receive Data Output Port 2
RNEG2/BPV2
76
M12
O
Receive Negative Pulse/Bipolar Violation Output Port 2
TCLK3
74
N14
I
Transmit Clock Input Port 3
TPOS3/TDATA3
73
N13
I
Transmit Positive Pulse/Transmit Data Input Port 3
TNEG3/UBS3
72
N12
I
Transmit Negative Pulse/Unipolar-Bipolar Select Port 3
RCLK3
71
P14
O
Receive Clock Output Port 3
RPOS3/RDATA3
70
P13
O
Receive Positive Pulse/ Receive Data Output Port 3
RNEG3/BPV3
69
P12
O
Receive Negative Pulse/Bipolar Violation Output Port 3
TCLK4
107
B14
I
Transmit Clock Input Port 4
TPOS4/TDATA4
108
B13
I
Transmit Positive Pulse/Transmit Data Input Port 4
TNEG4/UBS4
109
B12
I
Transmit Negative Pulse/Unipolar-Bipolar Select Port 4
RCLK4
110
A14
O
Receive Clock Output Port 4
RPOS4/RDATA4
111
A13
O
Receive Positive Pulse/ Receive Data Output Port 4
RNEG4/BPV4
112
A12
O
Receive Negative Pulse/Bipolar Violation Output Port 4
TCLK5
100
D14
I
Transmit Clock Input Port 5
TPOS5/TDATA5
101
D13
I
Transmit Positive Pulse/Transmit Data Input Port 5
TNEG5/UBS5
102
D12
I
Transmit Negative Pulse/Unipolar-Bipolar Select Port 5
RCLK5
103
C14
O
Receive Clock Output Port 5
RPOS5/RDATA5
104
C13
O
Receive Positive Pulse/ Receive Data Output Port 5
RNEG5/BPV5
105
C12
O
Receive Negative Pulse/Bipolar Violation Output Port 5
TCLK6
9
D1
I
Transmit Clock Input Port 6
TPOS6/TDATA6
8
D2
I
Transmit Positive Pulse/Transmit Data Input Port 6
TNEG6/UBS6
7
D3
I
Transmit Negative Pulse/Unipolar-Bipolar Select Port 6
RCLK6
6
C1
O
Receive Clock Output Port 6
RPOS6/RDATA6
5
C2
O
Receive Positive Pulse/ Receive Data Output Port 6
RNEG6/BPV6
4
C3
O
Receive Negative Pulse/Bipolar Violation Output Port 6
TCLK7
2
B1
I
Transmit Clock Input Port 7
TPOS7/TDATA7
1
B2
I
Transmit Positive Pulse/Transmit Data Input Port 7
TNEG7/UBS7
144
B3
I
Transmit Negative Pulse/Unipolar-Bipolar Select Port 7
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com