Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS61884 Datasheet HTML 5Page - Cirrus Logic CS61884 Datasheet HTML 6Page - Cirrus Logic CS61884 Datasheet HTML 7Page - Cirrus Logic CS61884 Datasheet HTML 8Page - Cirrus Logic CS61884 Datasheet HTML 9Page - Cirrus Logic CS61884 Datasheet HTML 10Page - Cirrus Logic CS61884 Datasheet HTML 11Page - Cirrus Logic CS61884 Datasheet HTML 12Page - Cirrus Logic CS61884 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
CS61884
DS485PP4
9
3. PIN DESCRIPTIONS
3.1 Power Supplies
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION
VCCIO
17
92
G1
G14
Power Supply, Digital Interface: Power supply for digital
interface pins; typically 3.3V.
GNDIO
18
91
G4
G11
Ground, Digital Interface:
Power supply ground for the digital interface; typically 0 Volts
RV0+
RV1+
19
90
H1
H14
Power Supply, Core Circuitry: Power supply for all sub-cir-
cuits except the transmit driver; typically +3.3 Volts
RGND0
RGND1
20
89
H4
H11
Ground, Core Circuitry:
Ground for sub-circuits except the TX driver; typically 0 Volts
TV+0
44
N4, P4
Power Supply, Transmit Driver 0
Power supply for transmit driver 0; typically +3.3 Volts
TGND0
47
N6, P6
Ground, Transmit Driver 0
Power supply ground for transmit driver 0; typically 0 Volts
TV+1
53
L4, M4
Power Supply, Transmit Driver 1
TGND1
50
L6, M6
Ground, Transmit Driver 1
TV+2
56
L11
M11
Power Supply, Transmit Driver 2
TGND2
59
L9, M9
Ground, Transmit Driver 2
TV+3
65
N11
P11
Power Supply, Transmit Driver 3
TGND3
62
N9, P9
Ground, Transmit Driver 3
TV+4
116
A11
B11
Power Supply, Transmit Driver 4
TGND4
119
A9, B9
Ground, Transmit Driver 4
TV+5
125
C11
D11
Power Supply, Transmit Driver 5
TGND5
122
C9,
D9
Ground, Transmit Driver 5
TV+6
128
C4,
D4
Power Supply, Transmit Driver 6
TGND6
131
C6,
D6
Ground, Transmit Driver 6
TV+7
137
A4, B4
Power Supply, Transmit Driver 7
TGND7
134
A6, B6
Ground, Transmit Driver 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com