Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2422 Datasheet (PDF) - Dallas Semiconductor

DS2422 Datasheet PDF - Dallas Semiconductor
Part # DS2422
Download  DS2422 Download
File Size   444.66 Kbytes
Page   48 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Temperature/Datalogger with 8kB Datalog Memory

DS2422 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2422 Datasheet PDF - Dallas Semiconductor

Part # DS2422
Download  DS2422 Click to download

File Size   444.66 Kbytes
Page   48 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Temperature/Datalogger with 8kB Datalog Memory

DS2422 Datasheet (HTML) - Dallas Semiconductor


DS2422 Product details

GENERAL DESCRIPTION
The DS2422 temperature/datalogger combines the core functions of a fully featured datalogger in a single chip. It includes a temperature sensor, realtime clock (RTC), memory, 1-Wire® interface, and serial interface for an analog-to-digital converter (ADC) as well as control circuitry for a charge pump.

FEATURES
■ Automatically Wakes Up, Measures Temperature and/or Reads an External ADC and Stores Values in 8kB of Datalog Memory in 8 or 16-Bit Format
■ On-Chip Direct-to-Digital Temperature Converter with 8-Bit (0.5°C) or 11-Bit (0.0625°C) Resolution
■ Sampling Rate from 1s up to 273hrs
■ Programmable Recording Start Delay After Elapsed Time or Upon a Temperature Alarm Trip Point
■ Programmable High and Low Trip Points for Temperature and Data Alarms
■ Quick Access to Alarmed Devices Through 1-Wire Conditional Search Function
■ 512 Bytes of General-Purpose Memory Plus 64 Bytes of Calibration Memory
■ Two-Level Password Protection of all Memory and Configuration Registers
■ Unique Factory-Lasered 64-Bit Registration Number Assures Error-Free Device Selection and Absolute Part Identity
■ Built-in Multidrop Controller Ensures Compatibility with Other Dallas Semiconductor 1-Wire Net Products
■ Directly Connects to a Single Port Pin of a Microprocessor and Communicates at Up to 15.4kbps at Standard Speed or up to 125kbps in Overdrive Mode
■ -40°C to +85°C Operating Range
■ 2.8V to 3.6V Single-Supply Battery Operation
■ Low Power (1.2µA Standby, 350µA Active)

APPLICATIONS
    Temperature Logging in Cold Chain, Food Safety, and Bio Science
    High-Temperature Logging (Process Monitoring, industrial Temperature Monitoring)
    General-Voltage Datalogging (Pressure, Humidity, Light, Material Stress)




Similar Part No. - DS2422

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2422 MAXIM-DS2422 Datasheet
575Kb / 49P
1-Wire Temperature/Datalogger with 8KB Datalog Memory
5/10
logo
Synology Inc.
DS2422PLUS SYNOLOGY-DS2422PLUS Datasheet
714Kb / 8P
DiskStation DS2422
logo
Maxim Integrated Produc...
DS2422S MAXIM-DS2422S Datasheet
575Kb / 49P
1-Wire Temperature/Datalogger with 8KB Datalog Memory
5/10
More results


Similar Description - DS2422

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS2422 MAXIM-DS2422 Datasheet
575Kb / 49P
1-Wire Temperature/Datalogger with 8KB Datalog Memory
5/10
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
iButton Temperature Loggers with 8KB Datalog Memory
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com