Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2422S Datasheet (PDF) - Maxim Integrated Products

DS2422S Datasheet PDF - Maxim Integrated Products
Part # DS2422S
Download  DS2422S Download
File Size   575.88 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Temperature/Datalogger with 8KB Datalog Memory

DS2422S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2422S Datasheet PDF - Maxim Integrated Products

Part # DS2422S
Download  DS2422S Click to download

File Size   575.88 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1-Wire Temperature/Datalogger with 8KB Datalog Memory

DS2422S Datasheet (HTML) - Maxim Integrated Products


DS2422S Product details

GENERAL DESCRIPTION
The DS2422 temperature/datalogger combines the core functions of a fully featured datalogger in a single chip. It includes a temperature sensor, realtime clock (RTC), memory, 1-Wire® interface, and serial interface for an analog-to-digital converter (ADC) as well as control circuitry for a charge pump.

FEATURES
■ Automatically Wakes Up, Measures Temperature and/or Reads an External ADC and Stores Values in 8KB of Datalog Memory in 8 or 16-Bit Format
■ On-Chip Direct-to-Digital Temperature Converter with 8-Bit (0.5°C) or 11-Bit (0.0625°C) Resolution
■ Sampling Rate from 1s up to 273hrs
■ Programmable Recording Start Delay After Elapsed Time or Upon a Temperature Alarm Trip Point
■ Programmable High and Low Trip Points for Temperature and Data Alarms
■ Quick Access to Alarmed Devices Through 1-Wire Conditional Search Function
■ 512 Bytes of General-Purpose Memory Plus 64 Bytes of Calibration Memory
■ Two-Level Password Protection of all Memory and Configuration Registers
■ Unique Factory-Lasered 64-Bit Registration Number Assures Error-Free Device Selection and Absolute Part Identity
■ Built-in Multidrop Controller Ensures Compatibility with Other Maxim 1-Wire Net Products
■ Directly Connects to a Single Port Pin of a Microprocessor and Communicates at Up to 15.4kbps at Standard Speed or up to 125kbps in Overdrive Mode
■ -40°C to +85°C Operating Range
■ 2.8V to 3.6V Single-Supply Battery Operation
■ Low Power (1.2µA Standby, 350µA Active)

APPLICATIONS
    Temperature Logging in Cold Chain, Food Safety, and Bio Science
    High-Temperature Logging (Process Monitoring, industrial Temperature Monitoring)
    General-Voltage Datalogging (Pressure, Humidity, Light, Material Stress)




Similar Part No. - DS2422S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2422S DALLAS-DS2422S Datasheet
444Kb / 48P
1-Wire Temperature/Datalogger with 8kB Datalog Memory
More results


Similar Description - DS2422S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
DS2422 DALLAS-DS2422 Datasheet
444Kb / 48P
1-Wire Temperature/Datalogger with 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
iButton Temperature Loggers with 8KB Datalog Memory
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com