Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLPL90 Datasheet (PDF) - OSRAM GmbH

SPLPL90 Datasheet PDF - OSRAM GmbH
Part # SPLPL90_15
Download  SPLPL90 Download
File Size   201.11 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Pulsed Laser Diode in Plastic Package 25 W Peak Power

SPLPL90 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLPL90 Datasheet PDF - OSRAM GmbH

Part # SPLPL90_15
Download  SPLPL90 Click to download

File Size   201.11 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Pulsed Laser Diode in Plastic Package 25 W Peak Power

SPLPL90 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SPLPL90_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90AT03 OSRAM-SPLPL90AT03 Datasheet
1Mb / 13P
Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
Version 1.0 2023-04-12
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
More results


Similar Description - SPLPL90_15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLLL90 OSRAM-SPLLL90 Datasheet
243Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 25 W Peak Power
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLLL90 OSRAM-SPLLL90_3 Datasheet
251Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com