Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL90 Datasheet (PDF) - OSRAM GmbH

SPLLL90 Datasheet PDF - OSRAM GmbH
Part # SPLLL90
Download  SPLLL90 Download
File Size   243.97 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hybrid Pulsed Laser Diode with Integrated Driver Stage 25 W Peak Power

SPLLL90 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLLL90 Datasheet PDF - OSRAM GmbH

Part # SPLLL90
Download  SPLLL90 Click to download

File Size   243.97 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hybrid Pulsed Laser Diode with Integrated Driver Stage 25 W Peak Power

SPLLL90 Datasheet (HTML) - OSRAM GmbH


SPLLL90 Product details

Safety advices
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which can be hazardous to the human eye. Products which incorporate these devices have to follow the safety precautions given in IEC 60825-1 “Safety of laser products”

Features
• Low cost, small size plastic package
• Integrated FET and capacitors for pulse control
• Strained InAlGaAs/GaAs QW-structures
• High power large-optical-cavity laser structure
• Laser aperture 200 µm x 2 µm
• High-speed operation (< 30 ns pulse width)
• Low supply voltage (< 20 V)

Applications
• Range finding
• Security, surveillance
• Illumination, ignition
• Testing and measurement




Similar Part No. - SPLLL90

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLL90 OSRAM-SPLLL90_3 Datasheet
251Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLLL90 OSRAM-SPLLL90_3 Datasheet
196Kb / 8P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLLL90_3 OSRAM-SPLLL90_3_17 Datasheet
196Kb / 8P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
More results


Similar Description - SPLLL90

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLLL90 OSRAM-SPLLL90_3 Datasheet
251Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
SPLLL90_3 OSRAM-SPLLL90_3_17 Datasheet
196Kb / 8P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-LL90-3 OSRAM-SPL-LL90-3 Datasheet
196Kb / 8P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com