Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL90 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLLL90
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 25 W Peak Power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL90 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLLL90 Datasheet HTML 1Page - OSRAM GmbH SPLLL90 Datasheet HTML 2Page - OSRAM GmbH SPLLL90 Datasheet HTML 3Page - OSRAM GmbH SPLLL90 Datasheet HTML 4Page - OSRAM GmbH SPLLL90 Datasheet HTML 5Page - OSRAM GmbH SPLLL90 Datasheet HTML 6Page - OSRAM GmbH SPLLL90 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-04-04
2
SPL LL90
Grenzwerte (kurzzeitiger Betrieb) (
T
A = 25 °C)
Maximum Ratings (short time operation)
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Spitzenausgangsleistung
Peak output power
P
opt
30
W
Ladespannung (
V
G = 15 V)
Charge voltage (
V
G = 15 V)
V
C
20
V
Gate-Spannung
Gate voltage
V
G
– 20
+ 20
V
Tastverhältnis
Duty cycle
d.c.
0.1
%
Betriebstemperatur
Operating temperature
T
op
- 40
+ 85
°C
Lagertemperatur
Storage temperature
T
stg
- 40
+ 100
°C
Löttemperatur (
t
max = 10 s)
Soldering temperature (
t
max = 10 s)
T
s
+ 260
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com