Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM11000-KIT Datasheet (PDF) - Pasternack Enterprises, Inc.

PEM11000-KIT Datasheet PDF - Pasternack Enterprises, Inc.
Part # PEM11000-KIT
Download  PEM11000-KIT Download
File Size   578.45 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas and Cables

PEM11000-KIT Datasheet (PDF)

Go To PDF Page Download Datasheet
PEM11000-KIT Datasheet PDF - Pasternack Enterprises, Inc.

Part # PEM11000-KIT
Download  PEM11000-KIT Click to download

File Size   578.45 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas and Cables

PEM11000-KIT Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PEM11000-KIT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM11002-KIT PASTERNACK-PEM11002-KIT Datasheet
581Kb / 6P
2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas, Cables, and Accessories
More results


Similar Description - PEM11000-KIT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK70215 OKI-MK70215 Datasheet
211Kb / 14P
Bluetooth module operates in the 2.4 GHz ISM band.
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
TDK Electronics
ANT016008LCD1575MA1 TDK-ANT016008LCD1575MA1 Datasheet
103Kb / 5P
Multilayer Chip Antennas For GPS/2.4 GHz ISM Band
logo
List of Unclassifed Man...
M830310 ETC2-M830310 Datasheet
163Kb / 2P
Savvi Embedded Bluetooth Antennas 2.4 - 2.5 GHz
logo
Pasternack Enterprises,...
PEM11002-KIT PASTERNACK-PEM11002-KIT Datasheet
581Kb / 6P
2.4 GHz to 2.5 GHz ISM Band Radar Demonstration Kit, USB or Bluetooth Control, GUI, Includes Radar Board, Antennas, Cables, and Accessories
logo
Analog Devices
ADF5902 AD-ADF5902 Datasheet
498Kb / 39P
24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
12/2018-Revision 0
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1606L367N3T WALSIN-RFDIP1606L367N3T Datasheet
593Kb / 7P
2.4 GHz & 5 GHz ISM Band RF Application
RFDIP160806ALM6T15 WALSIN-RFDIP160806ALM6T15 Datasheet
598Kb / 7P
2.4 GHz & 5 GHz ISM Band RF Application
RFDIP1608060LM0T60 WALSIN-RFDIP1608060LM0T60 Datasheet
624Kb / 7P
2.4 GHz & 5 GHz ISM Band RF Application
logo
Infineon Technologies A...
BGT24LTR22 INFINEON-BGT24LTR22 Datasheet
3Mb / 86P
24 GHz Radar
V 1.1 2022-02-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com