Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0081 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAAPSS0081 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAAPSS0081
Download  MAAPSS0081 Download
File Size   271.17 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description ISM Power Amplifier 2.4 - 2.5 GHz

MAAPSS0081 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0081 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAAPSS0081
Download  MAAPSS0081 Click to download

File Size   271.17 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description ISM Power Amplifier 2.4 - 2.5 GHz

MAAPSS0081 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAAPSS0081 Product details

Description
The MAAPSS0081 is a three stage power amplifier designed for 2.4 GHz Cordless Telephone applications. The power amplifier is available in a lead-free 3 mm 12-lead PQFN plastic package. The MAAPSS0081 features an integrated power enable pin (5) for accurate ramp control and a separate power mode pin (2) for current savings in a low power mode state.

Features
• Ideal for 2.4 GHz Cordless Applications
• Power Set Pin for Adjustable Output Power
    High Power Mode: 24 dBm, 300 mA
    Low Power Mode: 16 dBm, 110 mA
• Power Gain: 23 dB Typical
• Power Enable: 2.5 V
• Micro-Amp Shutdown Current
• Operates from 1.8 V to 3.6 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MAAPSS0081

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier
MAAPSS0081 MA-COM-MAAPSS0081_15 Datasheet
271Kb / 6P
ISM Power Amplifier
More results


Similar Description - MAAPSS0081

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1045A ETC-AP1045A Datasheet
286Kb / 6P
2.4~2.5 GHz High Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
2.4-2.5 GHz WLAN Power Amplifier
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
2.4-2.5 GHz WLAN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com