Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ Datasheet (PDF) - Tyco Electronics

MA02303GJ Datasheet PDF - Tyco Electronics
Part # MA02303GJ
Download  MA02303GJ Download
File Size   432.66 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier IC for 2.4 GHz ISM

MA02303GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MA02303GJ Datasheet PDF - Tyco Electronics

Part # MA02303GJ
Download  MA02303GJ Click to download

File Size   432.66 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier IC for 2.4 GHz ISM

MA02303GJ Datasheet (HTML) - Tyco Electronics


MA02303GJ Product details

Description
The MA02303GJ is an RF power amplifier based on M/A-COM’s Self-Aligned MSAGâ MESFET Process. This product is designed for use in 2.4 GHz ISM products. For booster applications, it features a low power “bypass” mode and output power control via VDD1.

Features
• Perfect for 2.4 GHz Cordless DECT (WDECT)
• Single Positive Supply
• Power Added Efficiency As High As 55 Percent
• IP3 = +43 dBm
• Output Power 26.5 dBm @ 3.3 V
• Output Power 28.5 dBm @ 5.0 V
• 100 Percent Duty Cycle
• 2200 to 2600 MHz Operation
• 8 Pin MSOP Full Downset Plastic Package
• Operates Over Wide Ranges of Supply Voltage
• Self-Aligned MSAG®-Lite MESFET Process




Similar Part No. - MA02303GJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ-R13 MACOM-MA02303GJ-R13 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MA02303GJ-R7 MACOM-MA02303GJ-R7 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MA02303GJ-SMB MACOM-MA02303GJ-SMB Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
More results


Similar Description - MA02303GJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
WALSIN TECHNOLOGY CORPO...
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
2.4 GHz ISM Band RF Application
RFBLN1608050AGT WALSIN-RFBLN1608050AGT Datasheet
623Kb / 7P
2.4 GHz ISM Band RF Application
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
2.4 GHz ISM Band RF applications
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com