Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0093 Datasheet (PDF) - Tyco Electronics

MAAPSS0093 Datasheet PDF - Tyco Electronics
Part # MAAPSS0093
Download  MAAPSS0093 Download
File Size   336.15 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier IC For 2.5 GHz ISM

MAAPSS0093 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0093 Datasheet PDF - Tyco Electronics

Part # MAAPSS0093
Download  MAAPSS0093 Click to download

File Size   336.15 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier IC For 2.5 GHz ISM

MAAPSS0093 Datasheet (HTML) - Tyco Electronics


MAAPSS0093 Product details

Description
The MAAPSS0093 is an RF power amplifier based on M/A-COM’s Self-Aligned MSAG® MESFET Process. This product is designed for use in 2.4 GHz ISM products. For booster applications, it features a low power “bypass” mode and output power control via VDD1.

Features
• Perfect for 2.4 GHz Cordless DECT (WDECT)
• Single Positive Voltage Operation
• Power Added Efficiency As High As 55%
• IP3: +43 dBm
• Output Power: 26.5 dBm @ 3.3 V
                          28.5 dBm @ 5.0 V
• 100% Duty Cycle
• 2200 to 2600 MHz Operation
• Lead-Free MSOP-8EP Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MA02303GJ




Similar Part No. - MAAPSS0093

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0095 MACOM-MAAPSS0095 Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
MAAPSS0095SMB MACOM-MAAPSS0095SMB Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
MAAPSS0095TR MACOM-MAAPSS0095TR Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
MAAPSS0095TR-3000 MACOM-MAAPSS0095TR-3000 Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
More results


Similar Description - MAAPSS0093

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ Datasheet
432Kb / 7P
RF Power Amplifier IC for 2.4 GHz ISM
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Tyco Electronics
MA02303GJ MACOM-MA02303GJ_1 Datasheet
421Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
logo
M/A-COM Technology Solu...
MAAPSS0081 MA-COM-MAAPSS0081 Datasheet
271Kb / 6P
ISM Power Amplifier 2.4 - 2.5 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com