Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0096 Datasheet (PDF) - Tyco Electronics

MAAPSS0096 Datasheet PDF - Tyco Electronics
Part # MAAPSS0096
Download  MAAPSS0096 Download
File Size   366.3 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 Watt Power Amplifier 4.9 - 6.0 GHz

MAAPSS0096 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0096 Datasheet PDF - Tyco Electronics

Part # MAAPSS0096
Download  MAAPSS0096 Click to download

File Size   366.3 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1 Watt Power Amplifier 4.9 - 6.0 GHz

MAAPSS0096 Datasheet (HTML) - Tyco Electronics


MAAPSS0096 Product details

Description
The MAAPSS0096 is a two-stage power amplifier mounted in a lead-free, 4 mm 16-lead PQFN plastic package.
The MAAPSS0096 is designed specifically for the UNII, MMAC, WiMax, and Hiperlan bands (4.9 GHz - 6.0 GHz). It has fully matched, 50-ohm input and output ports, eliminating the need for external RF tuning components.
M/A-COM fabricates the MAAPSS0096 using a selfaligned gate MESFET process to realize high power efficiency and small size. The process features full passivation for performance and reliability.

Features
• 802.11a Applications
• WiMax Applications
• Saturated Output Power: 31.5 dBm at +7 V
                                           29.0 dBm at +5 V
• Gain: 20.5 dB
• No External RF Matching
• Meets 802.11a Linearity Requirements
• Lead-Free 4 mm 16-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAPSM0008




Similar Part No. - MAAPSS0096

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093SMB MACOM-MAAPSS0093SMB Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093TR-3000 MACOM-MAAPSS0093TR-3000 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0095 MACOM-MAAPSS0095 Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
MAAPSS0095SMB MACOM-MAAPSS0095SMB Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
More results


Similar Description - MAAPSS0096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
4.9 - 5.9 GHz 5V Power Amplifier
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
4.9 - 5.9 GHz 5V Power Amplifier
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Excelics Semiconductor,...
EIM0618-0.5 EXCELICS-EIM0618-0.5 Datasheet
91Kb / 2P
6.0 - 18.0 GHz -Watt Power Module
EIM0618-1 EXCELICS-EIM0618-1 Datasheet
103Kb / 3P
6.0 - 18.0 GHz 1-Watt Power Module
logo
Silicon Storage Technol...
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
Hittite Microwave Corpo...
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com