Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0095 Datasheet (PDF) - Tyco Electronics

MAAPSS0095 Datasheet PDF - Tyco Electronics
Part # MAAPSS0095
Download  MAAPSS0095 Download
File Size   239.61 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier for RFID 850 - 960 MHz

MAAPSS0095 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0095 Datasheet PDF - Tyco Electronics

Part # MAAPSS0095
Download  MAAPSS0095 Click to download

File Size   239.61 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Power Amplifier for RFID 850 - 960 MHz

MAAPSS0095 Datasheet (HTML) - Tyco Electronics


MAAPSS0095 Product details

Description
M/A-COM’s MAAPSS0095 is a high power three stage HBT power amplifier tuned to operate in the RFID bands in the US, the EU and Japan.
The MAAPSS0095 can also be used in other applications where high power and high efficiency are required, such as remote meter reading, electronic vehicle toll systems and ISM applications at 900 MHz. The high power and efficiency at 3.3 V make the MAAPSS0095 ideal for mobile applications.

Features
• Single Supply Voltage
• Covers International RFID Band
   902 - 928 MHz, US
   865 - 868 MHz, EU
   948 - 958 MHz, Japan
• High Gain 3 Stage HBT Design
• High Efficiency: 50 %
• Lead-Free 3 mm 16-Lead PQFN Package
• 100% Matte Tin Plating
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible




Similar Part No. - MAAPSS0095

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0093 MACOM-MAAPSS0093 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093SMB MACOM-MAAPSS0093SMB Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0093TR-3000 MACOM-MAAPSS0093TR-3000 Datasheet
336Kb / 7P
RF Power Amplifier IC For 2.5 GHz ISM
MAAPSS0096 MACOM-MAAPSS0096 Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
MAAPSS0096SMB MACOM-MAAPSS0096SMB Datasheet
366Kb / 6P
1 Watt Power Amplifier 4.9 - 6.0 GHz
More results


Similar Description - MAAPSS0095

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
16 WATT 925-960 MHz RF POWER AMPLIFIER
logo
STMicroelectronics
SD1398 STMICROELECTRONICS-SD1398 Datasheet
72Kb / 6P
RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
08-Sep-1993
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
logo
Motorola, Inc
MHVIC910HR2 MOTOROLA-MHVIC910HR2 Datasheet
222Kb / 12P
921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
logo
Freescale Semiconductor...
MHVIC910HNR2 FREESCALE-MHVIC910HNR2 Datasheet
337Kb / 12P
921 MHz-960 MHz SiFET RF Integrated Power Amplifier
logo
Tyco Electronics
MAIA-007851-000100 MACOM-MAIA-007851-000100 Datasheet
210Kb / 5P
Transmit Module for RFID 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007851-000100 MA-COM-MAIA-007851-000100 Datasheet
163Kb / 9P
Transmit Module for RFID 850-960 MHz
logo
NXP Semiconductors
MHVIC910HNR2 NXP-MHVIC910HNR2 Datasheet
770Kb / 12P
921 MHz--960 MHz SiFET RF Integrated Power Amplifier
Rev. 9, 5/2006
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com