Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0095 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0095
Description  RF Power Amplifier for RFID 850 - 960 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0095 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0095 Datasheet HTML 1Page - Tyco Electronics MAAPSS0095 Datasheet HTML 2Page - Tyco Electronics MAAPSS0095 Datasheet HTML 3Page - Tyco Electronics MAAPSS0095 Datasheet HTML 4Page - Tyco Electronics MAAPSS0095 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Power Amplifier for RFID
850 - 960 MHz
MAAPSS0095
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
General Electrical Specifications 3: T
C = +25°C, VCC = +3.3 V, PIN = +5 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input impedance
Ohms
—
50
—
Input VSWR
Ratio
—
2.0:1
—
Control voltage range
V
0.2
—
2.7
Control voltage slope
0 ≤ POUT ≤ 32 dBm
dB/V
—
45
—
Duty cycle
%
—
100
—
Off current
VCTRL1,2 = +0.2 V
µA
—
20
—
Control current
VCTRL1,2 = +2.6 V, Pin = +5 dBm
mA
—
4
—
Electrical Specifications: Tc = +25°C, Z0 = 50 Ω, F= 960 MHz, VCC = 3.3 V, VCTRL = 2.6 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Output power
PIN = +5 dBm
dBm
32.0
32.5
—
Power added efficiency
PIN = +5 dBm
%
50
55
—
Input Return Loss
PIN = -25 dBm
dB
—
12
—
Output Return Loss
PIN = -25 dBm
dB
—
12
—
Harmonics
PIN = +5 dBm
dBc
—
-45
—
Small Signal Gain
PIN = -25 dBm
dB
35
37
—
Current
PIN = -25 dBm
mA
100
180
250
Parameter
Specifications
Remarks
Min
Typ
Max
Unit
VCC1, VCC2, VCC3 and VCS
-0.5
—
6.0
V
No operation
VCTRL1,2
-0.5
—
3.8
V
Input power
—
—
+8
dBm
Operating duty cycle
—
—
100
%
Operating temperature
-40
—
85
°C
Measured at ground lead
Storage temperature
-20
—
125
°C
Absolute Maximum Ratings
3. Operating at or within these electrical bias conditions, at case temperatures up to 85°C, will ensure MTTF > 5 x 106 hours.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com