Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW916 Datasheet (PDF) - Motorola, Inc

MHW916 Datasheet PDF - Motorola, Inc
Part # MHW916
Download  MHW916 Download
File Size   83.16 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16 WATT 925-960 MHz RF POWER AMPLIFIER

MHW916 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW916 Datasheet PDF - Motorola, Inc

Part # MHW916
Download  MHW916 Click to download

File Size   83.16 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16 WATT 925-960 MHz RF POWER AMPLIFIER

MHW916 Datasheet (HTML) - Motorola, Inc


MHW916 Product details

The RF Line

UHF Silicon FET Power Amplifier



Designed specifically for the European Digital Extended Group Special Mobile (GSM) Base Station applications in the 925–960 MHz frequency range. MHW916 operates from a 26 Volt supply and requires 15.5 dBm of RF input power.



• Specified 26 Volt Characteristics

   RF Input Power: 15.5 dBm Max

   RF Output Power: 16 Watts at 1.0 dB Compression Point

   Minimum Gain: 26.5 dB

   Harmonics: –35 dBc Max at 2Fo

• 50 Ω Input/Output System

• Meet GSM Linearity Specification for Base Station up to 12.5 Watts



 




Similar Part No. - MHW916

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW9146 MOTOROLA-MHW9146 Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9146D MOTOROLA-MHW9146D Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MHW9146N FREESCALE-MHW9146N Datasheet
74Kb / 4P
870 MHz 14.3 dB GAIN 132-CHANNEL GaAs CATV AMPLIFIER MODULE
More results


Similar Description - MHW916

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
925-960 MHz Class AB 65W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120 Datasheet
200Kb / 5P
925-960 MHz Class AB 130W Power Amplifier Module
SDM-09060-B1F SIRENZA-SDM-09060-B1F_1 Datasheet
117Kb / 5P
925-960 MHz Class AB 65W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120_1 Datasheet
91Kb / 5P
925-960 MHz Class AB 130W Power Amplifier Module
logo
Stealth Microwave, Inc.
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
925-960 MHz 20 Watt Linear Power Amplifier
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
925-960 MHz 50 Watt Linear Power Amplifier
SM09296-47L STEALTH_MICROWAVE-SM09296-47L Datasheet
69Kb / 2P
925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
925-960 MHz 50 Watt Linear Power Amplifier
logo
ANADIGICS, Inc
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
925 - 960 MHz Small-Cell Power Amplifier Module
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com