Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW912 Datasheet (PDF) - Motorola, Inc

MHW912 Datasheet PDF - Motorola, Inc
Part # MHW912
Download  MHW912 Download
File Size   128.22 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 12.5 W 884 to 915 MHz RF POWER AMPLIFIER

MHW912 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW912 Datasheet PDF - Motorola, Inc

Part # MHW912
Download  MHW912 Click to download

File Size   128.22 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 12.5 W 884 to 915 MHz RF POWER AMPLIFIER

MHW912 Datasheet (HTML) - Motorola, Inc


MHW912 Product details

The RF Line
UNF Power Amplifier

. . . designed specifically for the Pan European digital 8.0 watt, GSM mobile radio. Other applications exist in standard analog cellular radios. The MHW912 is capable of wide power range control, operates from a 12.5 volt supply and requires only 1.0 mW of RF input power.

• Specified 12.5 Volt Characteristics:
    RF Input Power — 1.0 mW (0 dBm)
    RF Output Power — 12.5 W
    Minimum Gain — 41 dB
    Harmonics — –30 dBc Max @ 2.0 fo
• New Biasing and Control Techniques Providing Dynamic Range and Control Circuit Bandwidth Ideal for GSM
• Low Control Current
• 50 Ohm Input/Output Impedances
• Guaranteed Stability and Ruggedness
• Test fixture circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MHW912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW9146 MOTOROLA-MHW9146 Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9146D MOTOROLA-MHW9146D Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MHW9146N FREESCALE-MHW9146N Datasheet
74Kb / 4P
870 MHz 14.3 dB GAIN 132-CHANNEL GaAs CATV AMPLIFIER MODULE
logo
Motorola, Inc
MHW916 MOTOROLA-MHW916 Datasheet
83Kb / 4P
16 WATT 925-960 MHz RF POWER AMPLIFIER
More results


Similar Description - MHW912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW930 MOTOROLA-MHW930 Datasheet
52Kb / 3P
30 W 925.960 MHz RF POWER AMPLIFIER
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604 Datasheet
612Kb / 24P
700 MHz to 2700 MHz 1 W RF Driver Amplifier
REV. 0
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
RF Filter, 915 MHz, 10 MHz BW
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
Skyworks Solutions Inc.
SKY65094-360LF SKYWORKS-SKY65094-360LF Datasheet
999Kb / 16P
698 to 915 MHz Low-Noise Power Amplifier Driver
logo
STMicroelectronics
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com