Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW903 Datasheet (PDF) - Motorola, Inc

MHW903 Datasheet PDF - Motorola, Inc
Part # MHW903
Download  MHW903 Download
File Size   154.14 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.5 W 890 to 915 MHz RF POWER AMPLIFIERS

MHW903 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW903 Datasheet PDF - Motorola, Inc

Part # MHW903
Download  MHW903 Click to download

File Size   154.14 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3.5 W 890 to 915 MHz RF POWER AMPLIFIERS

MHW903 Datasheet (HTML) - Motorola, Inc


MHW903 Product details

The RF Line UHF Power Amplifiers

. . . designed specifically for the Pan European digital 2.0 watt, GSM hand–held radio. The MHW903, MHW953 and MHW954 are capable of wide power range control, operate from a 7.2 volt supply and require 1.0 mW (MHW903 /953) or 100 mW (MHW954) of RF input power.

• Specified 7.2 Volt Characteristics:
    RF Input Power — 1.0 mW (0 dBm) MHW903/953; 100 mW (20 dBm) MHW954
    RF Output Power — 3.5 W
    Minimum Gain — 35.4 dB (MHW903/953) or 15.4 dB (MHW954)
    Harmonics — –35 dBc Max @ 2.0 fo (MHW930/953) or
                           –30 dBc Max @ 2.0 fo (MHW954)
• New Biasing and Control Techniques Providing Dynamic Range and Control Circuit Bandwidth Ideal for GSM
• Low Control Current
• 50 Ohm Input/Output Impedances
• Guaranteed Stability and Ruggedness
• Test fixture circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MHW903

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW9146 MOTOROLA-MHW9146 Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
MHW9146D MOTOROLA-MHW9146D Datasheet
272Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MHW9146N FREESCALE-MHW9146N Datasheet
74Kb / 4P
870 MHz 14.3 dB GAIN 132-CHANNEL GaAs CATV AMPLIFIER MODULE
More results


Similar Description - MHW903

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
E - Series Surface Mount Mixer 890 - 915 MHz
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
RF Monolithics, Inc
SF2150E RFM-SF2150E Datasheet
369Kb / 6P
RF Filter, 915 MHz, 10 MHz BW
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
TAI-SAW TECHNOLOGY CO.,...
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com