Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW927A Datasheet (PDF) - Motorola, Inc

MHW927A Datasheet PDF - Motorola, Inc
Part # MHW927A
Download  MHW927A Download
File Size   166.78 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS

MHW927A Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW927A Datasheet PDF - Motorola, Inc

Part # MHW927A
Download  MHW927A Click to download

File Size   166.78 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS

MHW927A Datasheet (HTML) - Motorola, Inc


MHW927A Product details

The RF Line

UHF Linear Power Amplifiers



Designed specifically for the United States digital 3.0 W, mobile radio. The MHW927A/B are capable of wide power range control, operate from a 12.5 V supply and require 1.0 mW of RF input power.



• MHW927A Operates from a 9.5 Volt Bias Supply (VB)

   MHW927B Operates from a 8.0 Volt Bias Supply (VB)

• Specified 12.5 Volt Characteristics for MHW927A/B:

   RF Input Power — 1.0 mW (0 dBm) Max

   RF Output Power — 6.0 W

   Power Gain — 40 dB Typ

   Harmonics — –30 dBc Max @ 2 f0

• Linearity (IMD) — –29 dBc Max for 3rd Order; –34 dBc Max for 5th Order

• New Biasing and Control Techniques Providing Dynamic Range and Control Circuit

   Bandwidth Ideal for USDC

• 50 Ω Input/Output Impedances

• Guaranteed Stability and Ruggedness



 




Similar Part No. - MHW927A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW9276N FREESCALE-MHW9276N Datasheet
73Kb / 4P
Gallium Arsenide CATV Amplifier Module
More results


Similar Description - MHW927A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77188 SKYWORKS-SKY77188 Datasheet
70Kb / 2P
Power Amplifier Module for WCDMA / HSDPA Band V (824-849 MHz)
SKY77413 SKYWORKS-SKY77413 Datasheet
54Kb / 2P
Front-End Module for WCDMA (824-849 MHz)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com