Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0006 Datasheet (PDF) - Tyco Electronics

MAAPSS0006 Datasheet PDF - Tyco Electronics
Part # MAAPSS0006
Download  MAAPSS0006 Download
File Size   56.19 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz

MAAPSS0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0006 Datasheet PDF - Tyco Electronics

Part # MAAPSS0006
Download  MAAPSS0006 Click to download

File Size   56.19 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz

MAAPSS0006 Datasheet (HTML) - Tyco Electronics


MAAPSS0006 Product details

Description
M/A-COM’s MAAPSS0006 is a high power, high efficiency linear power amplifier in a miniature FQFP-N 4mm plastic package. The MAAPSS0006 includes a 2-stage amplifier and bias control network. Efficiency of the MAAPSS0006 is optimized for each mode by an on-chip analog control circuit.

Features
• High Gain 2-stage HBT Amplifier
• Single Supply, 3V Operation
• Dual Mode Operation
• 29 dBm Linear Output Power
• 31.5 dBm CW Output Power
• High Efficiency
• Low Quiescent Current
• Miniature FQFP-N 4mm Plastic Package




Similar Part No. - MAAPSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0003 MACOM-MAAPSS0003 Datasheet
37Kb / 3P
PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
MAAPSS0003RTR MACOM-MAAPSS0003RTR Datasheet
37Kb / 3P
PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
MAAPSS0003TR MACOM-MAAPSS0003TR Datasheet
37Kb / 3P
PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
More results


Similar Description - MAAPSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Synaptics Incorporated.
RM912 CONEXANT-RM912 Datasheet
457Kb / 20P
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
logo
List of Unclassifed Man...
CHP0230-PM ETC-CHP0230-PM Datasheet
414Kb / 4P
824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
System Smart PA Module for CDMA / AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com