Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0003 Datasheet (PDF) - Tyco Electronics

MAAPSS0003 Datasheet PDF - Tyco Electronics
Part # MAAPSS0003
Download  MAAPSS0003 Download
File Size   37.94 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz

MAAPSS0003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPSS0003 Datasheet PDF - Tyco Electronics

Part # MAAPSS0003
Download  MAAPSS0003 Click to download

File Size   37.94 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz

MAAPSS0003 Datasheet (HTML) - Tyco Electronics


MAAPSS0003 Product details

Description
M/A-COM’s MAAPSS0003 is a high power, high efficiency linear power amplifier in a miniature FQFP-N 4mm plastic package. The MAAPSS0003 includes a 2-stage amplifier and bias control network. Analog signals control output power and power-off for active and standby modes.

Features
• High Gain 2-stage HBT Amplifier
• Single Supply, 3V Operation
• 29dBm Linear Output Power
• High Efficiency
• Low Quiescent Current
• Operates in US and Korean PCS Bands
• Miniature FQFP-N 4mm Plastic Package




Similar Part No. - MAAPSS0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MAAPSS0006RTR MACOM-MAAPSS0006RTR Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MAAPSS0006TR MACOM-MAAPSS0006TR Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
More results


Similar Description - MAAPSS0003

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
logo
Skyworks Solutions Inc.
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
Power Amplifier Module for TDMA PCS (1850-1910 MHz)
RI23110 SKYWORKS-RI23110 Datasheet
732Kb / 22P
CDMA PCS 3-4 Volt Power Amplifier (1720-1910 MHz)
CX77112 SKYWORKS-CX77112 Datasheet
838Kb / 14P
PA Module for CDMA PCS (1850-1910 MHz)
logo
RF Micro Devices
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
logo
Skyworks Solutions Inc.
SKY77418 SKYWORKS-SKY77418 Datasheet
44Kb / 2P
LIPA Module for CDMA / PCS (1850-1910 MHz)
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com