Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2157 Datasheet (PDF) - RF Micro Devices

RF2157 Datasheet PDF - RF Micro Devices
Part # RF2157
Download  RF2157 Download
File Size   192.16 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS CDMA/TDMA 3V POWER AMPLIFIER

RF2157 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2157 Datasheet PDF - RF Micro Devices

Part # RF2157
Download  RF2157 Click to download

File Size   192.16 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS CDMA/TDMA 3V POWER AMPLIFIER

RF2157 Datasheet (HTML) - RF Micro Devices


RF2157 Product details

Product Description
The RF2157 is a high-power, high-efficiency linear amplifier IC targeting 3V handheld systems. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in dual-mode 3V CDMA and TDMA handheld digital equipment, spread-spectrum systems, and other applications in the 1710MHz to 1910MHz band. The device is packaged in a compact 4mmx4mm LCC, as well as a 4mmx4mm MLF (micro leaded package). The frequency response can be optimized for linear performance over 1710MHz to 1910MHz. The device features a digital mode switch which can be used to minimize operating current under low output power conditions.

Features
• Single 3V Supply
• 29dBm Linear Output Power
• 24dB Linear Gain
• 35% Linear Efficiency
• On-board Power Down Mode
• 1750MHz to 1910MHz Operation

Typical Applications
• 3V 1850-1910MHz CDMA PCS Handsets
• 3V 1750-1780MHz CDMA PCS Handsets
• 3V TDMA PCS Handsets
• Spread-Spectrum Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-J RFMD-RF2152PCBA-J Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2152PCBA-N RFMD-RF2152PCBA-N Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2153PCBA RFMD-RF2153PCBA Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
More results


Similar Description - RF2157

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2153 RFMD-RF2153 Datasheet
287Kb / 12P
CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com