Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2362 Datasheet (PDF) - RF Micro Devices

RF2362 Datasheet PDF - RF Micro Devices
Part # RF2362
Download  RF2362 Download
File Size   83.03 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER

RF2362 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2362 Datasheet PDF - RF Micro Devices

Part # RF2362
Download  RF2362 Click to download

File Size   83.03 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER

RF2362 Datasheet (HTML) - RF Micro Devices


RF2362 Product details

Product Description
The RF2362 is a low noise CDMA/TDMA PA driver amplifier with a very high dynamic range designed for transmit digital PCS applications at 1880MHz. The device functions as an outstanding PA driver amplifier in the transmit chain of digital subscriber units where low transmit noise power is a concern. The IC includes a power down feature that can be used to completely turn off the device. The IC is featured in a standard SOT 5-lead plastic package.

Features
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 150MHz to 2500MHz Operation
• Extremely Small SOT23-5 Package

Typical Applications
• TDMA/CDMA/FM PCS Tx Amplifier
• Low Noise Transmit Driver Amplifier
• 2.4GHz WLAN Systems
• General Purpose Amplification
• Commercial and Consumer Systems




Similar Part No. - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2362 RFMD-RF2362 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA-41X RFMD-RF2362PCBA-41X Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Similar Description - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com