Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2157 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2157
Description  PCS CDMA/TDMA 3V POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2157 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2157 Datasheet HTML 1Page - RF Micro Devices RF2157 Datasheet HTML 2Page - RF Micro Devices RF2157 Datasheet HTML 3Page - RF Micro Devices RF2157 Datasheet HTML 4Page - RF Micro Devices RF2157 Datasheet HTML 5Page - RF Micro Devices RF2157 Datasheet HTML 6Page - RF Micro Devices RF2157 Datasheet HTML 7Page - RF Micro Devices RF2157 Datasheet HTML 8Page - RF Micro Devices RF2157 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-188
RF2157
Rev A19 010611
2
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤31dBm)
+4.5
VDC
Mode Voltage (VMODE)+3.5
VDC
Control Voltage (VPD)+3.5
VDC
Input RF Power
+12
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-65 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.4 V, VPD=2.8V,
POUT=29dBm, unless otherwise specified
Usable Frequency Range
1750
1910
MHz
Typical Frequency Range
1750-1780
1850-1910
MHz
MHz
Tuned Matching Network
Tuned Matching Network
Linear Gain
23
25
28
dB
POUT=29dBm, VMODE≤ 0.5V
22
24
26
dB
POUT=29dBm, VMODE≥2.5V
Small Signal Gain
22
27
29
dB
PIN≤-20dBm
Second Harmonic (Including
second harmonic trap)
-35
dBc
Third Harmonic
-40
dBc
Fourth Harmonic
-45
dBc
CDMA
VMODE≥2.5V
Linear Output Power
29
dBm
28
dBm
VCC=3.0V
Linear Efficiency
33
37
%
6POUT=16dBm
CDMA ACPR @ 1.25MHz
-46
-44
dBc
Noise Power @ 80MHz Offset
-139
dBm/Hz
CDMA
VMODE≤0.5V
Linear Output Power
29
dBm
Linear Efficiency
30
35
%
CDMA ACPR @ 1.25MHz
-46
-44
dBc
Noise Power @ 80MHz Offset
-139
dBm/Hz
TDMA
Linear Efficiency
30
37
%
TDMA ACPR @ 30kHz Offset
-31
-28
dBc
TDMA ACPR @ 60kHz Offset
-52
-48
dBc
Input VSWR
< 2:1
Output Load VSWR
10:1
No damage.
Stability
5:1
Junction to Case
Thermal Resistance
25
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com