Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0003 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0003
Description  PCS TDMA/CDMA Power Amplifier 1750 - 1910 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0003 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0003 Datasheet HTML 1Page - Tyco Electronics MAAPSS0003 Datasheet HTML 2Page - Tyco Electronics MAAPSS0003 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
PCS TDMA/CDMA Power Amplifier, 1750 - 1910 MHz
MAAPSS0003
2
PIN #
PIN Name
Description
1
GND
DC and RF Ground
2
GND
DC and RF Ground
3
RFIN
RF input to the amplifier, requires matching
network
4
GND
DC and RF Ground
5
GND
DC and RF Ground
6
GND
DC and RF Ground
7
VPD1
1
st stage bias control
8
VMODE
High / Low gain selector
9
VPD2
2
nd stage bias control
10
BIAS GND
Bias Control Ground, requires RF choke
11
GND
DC and RF Ground
12
GND
DC and RF Ground
13
RF OUT
RF Output of the amplifier, requires
matching network
14
RF OUT
RF Output of the amplifier, requires
matching network
15
GND
DC and RF Ground
16
GND
DC and RF Ground
17
VCC2
Voltage supply for the bias network
18
GND
DC and RF Ground
19
VCC1
Voltage supply for 1
st stage, requires
matching network
20
VCC1
Voltage supply for 1
st stage, requires
matching network
PIN Configuration
GND
GND
RFIN
GND
GND
GND
RFOUT
RFOUT
GND
GND
1
20
Bias Network
Block Diagram
E2
20 x b
e
4 x e
L
e
4 x e
D2
D
EE1
D1
A
A2
A1
A3
FQFP-N 4 mm
Measurement (mm)
Min.
Nom.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
0
0.65
1.00
A3
0.25 ref.
b
0.18
0.23
0.30
D
4.00 basic
D1
3.75 basic
D2
0.75
1.70
2.25
e
0.50 basic
E
4.00 basic
E1
3.75 basic
E2
0.75
1.70
2.25
L
0.35
0.55
0.75
Dim.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com