Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAPSS0006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0006
Description  Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0006 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0006 Datasheet HTML 1Page - Tyco Electronics MAAPSS0006 Datasheet HTML 2Page - Tyco Electronics MAAPSS0006 Datasheet HTML 3Page - Tyco Electronics MAAPSS0006 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 1.0
GND
GND
RFIN
GND
GND
GND
RFOUT
RFOUT
GND
GND
1
20
Bias Network
Cellular CDMA/AMPs Power Amplifier, 824 - 849 MHz
MAAPSS0006
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Quiescent Current
mA
100
Noise Power in Rx Band
POUT < 29 dBm
dBm/Hz
-120
2
nd Harmonic Suppression
POUT < 29 dBm
dBc
-30
3
rd Harmonic Suppression
POUT < 29 dBm
dBc
-40
Input VSWR
2:1
Stability
No oscillations, any phase
5:1
Output Load Ruggedness VSWR
No damage, any phase
10:1
Electrical Specifications: VCC = 3.4V, Vref = 3.0V, TA = +25°C (Cont’d)
PIN #
PIN Name
Description
1
GND
DC and RF Ground
2
GND
DC and RF Ground
3
RFIN
RF input to the amplifier, requires matching
network
4
GND
DC and RF Ground
5
GND
DC and RF Ground
6
GND
DC and RF Ground
7
VPD1
1
st stage bias control
8
VMODE
High / Low gain selector
9
VPD2
2
nd stage bias control
10
BIAS GND
Bias Control Ground, requires RF choke
11
GND
DC and RF Ground
12
GND
DC and RF Ground
13
RF OUT
RF Output of the amplifier, requires match-
ing network
14
RF OUT
RF Output of the amplifier, requires match-
ing network
15
GND
DC and RF Ground
16
GND
DC and RF Ground
17
VCC2
Voltage supply for the bias network
18
GND
DC and RF Ground
19
VCC1
Voltage supply for 1
st stage, requires match-
ing network
20
VCC1
Voltage supply for 1
st stage, requires match-
ing network
PIN Configuration
Block Diagram
FQP-N 4mm Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com