Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS9102-00837 Datasheet (PDF) - Tyco Electronics

MLS9102-00837 Datasheet PDF - Tyco Electronics
Part # MLS9102-00837
Download  MLS9102-00837 Download
File Size   153.61 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz

MLS9102-00837 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLS9102-00837 Datasheet PDF - Tyco Electronics

Part # MLS9102-00837
Download  MLS9102-00837 Click to download

File Size   153.61 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz

MLS9102-00837 Datasheet (HTML) - Tyco Electronics


MLS9102-00837 Product details

Description
The MLS9102-00837 synthesizer design integrates a high performance buffered VCO, PLL circuit and discrete loop filter in a surface mount package. The SMT packaging provides electrical shielding, easy PCB assembly and repeatable performance. The synthesizer is designed for use in CDMA base stations and is optimised for coverage of the cellular RX band with 30 kHz step size and low phase noise.

Features
• Integrated VCO/PLL
• Miniature SMT Package
• Low Phase Noise
• +5V Operation




Similar Part No. - MLS9102-00837

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9108-00766 MACOM-MLS9108-00766 Datasheet
54Kb / 2P
Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
logo
Megawin Technology Co.,...
MLS910B MEGAWIN-MLS910B Datasheet
116Kb / 1P
8-bit I/O type micro-controller with voice function
More results


Similar Description - MLS9102-00837

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9108-00766 MACOM-MLS9108-00766 Datasheet
54Kb / 2P
Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
MLS9118-00812 MACOM-MLS9118-00812 Datasheet
82Kb / 2P
Surface Mount Frequency Synthesizer CDMA 799 - 824 MHz
MLS9203-01815 MACOM-MLS9203-01815 Datasheet
82Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1780 - 1850 MHz
MLS9204-01745 MACOM-MLS9204-01745 Datasheet
76Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1710 - 1780 MHz
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
PA Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com