Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS9108-00766 Datasheet (PDF) - Tyco Electronics

MLS9108-00766 Datasheet PDF - Tyco Electronics
Part # MLS9108-00766
Download  MLS9108-00766 Download
File Size   54.23 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz

MLS9108-00766 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLS9108-00766 Datasheet PDF - Tyco Electronics

Part # MLS9108-00766
Download  MLS9108-00766 Click to download

File Size   54.23 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Frequency Synthesizer CDMA 754 - 779 MHz

MLS9108-00766 Datasheet (HTML) - Tyco Electronics


MLS9108-00766 Product details

Description
The MLS9108-00766 synthesizer design integrates a high performance buffered VCO, PLL circuit and discrete loop filter in a surface mount package. The SMT packaging provides electrical shielding, easy PCB assembly and repeatable performance. The synthesizer is designed for use in CDMA base stations and is optimised for coverage of the cellular Rx band with 70 MHz IF, 30 kHz step size and low phase noise.

Features
• Integrated VCO/PLL
• Miniature SMT Package
• Low Phase Noise
• +5V Operation




Similar Part No. - MLS9108-00766

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
logo
Megawin Technology Co.,...
MLS910B MEGAWIN-MLS910B Datasheet
116Kb / 1P
8-bit I/O type micro-controller with voice function
More results


Similar Description - MLS9108-00766

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MLS9033-00766 MACOM-MLS9033-00766 Datasheet
88Kb / 2P
Surface Mount Frequency Synthesizer CDMA 754-779 MHz
MLS9037-00110 MACOM-MLS9037-00110 Datasheet
80Kb / 2P
Surface Mount Frequency Synthesizer IF 109 - 111 MHz
MLS9100-00752 MACOM-MLS9100-00752 Datasheet
144Kb / 2P
Surface Mount Frequency Synthesizer CDMA 738 - 766 MHz
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
MLS9109-00881 MACOM-MLS9109-00881 Datasheet
89Kb / 2P
Surface Mount Frequency Synthesizer CDMA 869 -894 MHz
MLS9118-00812 MACOM-MLS9118-00812 Datasheet
82Kb / 2P
Surface Mount Frequency Synthesizer CDMA 799 - 824 MHz
MLS9203-01815 MACOM-MLS9203-01815 Datasheet
82Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1780 - 1850 MHz
MLS9204-01745 MACOM-MLS9204-01745 Datasheet
76Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1710 - 1780 MHz
MLS9208-01800 MACOM-MLS9208-01800 Datasheet
82Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1770 - 1832 MHz
MLS9228-01760 MACOM-MLS9228-01760 Datasheet
75Kb / 2P
Surface Mount Frequency Synthesizer CDMA 1720 - 1800 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com