Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW803 Datasheet (PDF) - Motorola, Inc

MHW803 Datasheet PDF - Motorola, Inc
Part # MHW803
Download  MHW803 Download
File Size   79.67 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2 W, 806 to 905 MHz UHF POWER AMPLIFIERS

MHW803 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW803 Datasheet PDF - Motorola, Inc

Part # MHW803
Download  MHW803 Click to download

File Size   79.67 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2 W, 806 to 905 MHz UHF POWER AMPLIFIERS

MHW803 Datasheet (HTML) - Motorola, Inc


MHW803 Product details

The RF Line
UHF Power Amplifiers

Capable of wide power range control as encountered in portable cellular radio applications (30 dB typical).

• MHW803–2 806–870 MHz
• Specified 7.5 Volt Characteristics
    RF Input Power = 1 mW (0 dBm)
    RF Output Power = 2 Watts
    Minimum Gain (VControl = 4 V) = 33 dB
    Harmonics = –45 dBc Max @ 2 fo
• 50 Ω Input/Output Impedance
• Guaranteed Stability and Ruggedness
• Epoxy Glass PCB Construction Gives Consistent Performance and Reliability
• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MHW803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW804 MOTOROLA-MHW804 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-1 MOTOROLA-MHW804-1 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-2 MOTOROLA-MHW804-2 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
More results


Similar Description - MHW803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
UHF Power Amplifiers
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1071A TAI-SAW-TA1071A Datasheet
413Kb / 7P
SAW Filter 806 MHz
logo
RF Monolithics, Inc
SF2198E RFM-SF2198E Datasheet
848Kb / 5P
806 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2198E MURATA-SF2198E Datasheet
848Kb / 5P
806 MHz SAW Filter
logo
TriQuint Semiconductor
856979 TRIQUINT-856979_15 Datasheet
793Kb / 9P
806/847 MHz Duplexer
logo
New Jersey Semi-Conduct...
MRF839 NJSEMI-MRF839 Datasheet
48Kb / 1P
3 W 806-960 MHz RF POWER TRANSISTORS COMMON-EMITTER NPN SIUCON
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
SAW Filter 806 MHz
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com