Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW804-1 Datasheet (PDF) - Motorola, Inc

MHW804-1 Datasheet PDF - Motorola, Inc
Part # MHW804-1
Download  MHW804-1 Download
File Size   103.28 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS

MHW804-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW804-1 Datasheet PDF - Motorola, Inc

Part # MHW804-1
Download  MHW804-1 Click to download

File Size   103.28 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS

MHW804-1 Datasheet (HTML) - Motorola, Inc


MHW804-1 Product details

The RF Line
UHF Power Amplifiers

. . . designed specifically for portable radio applications. The MHW804 Series is capable of wide power range control, operates from a 7.5 volt supply and requires only 1.0 mW of RF input power.

• MHW804–1 — 800 to 870 MHz
   MHW804–2 — 896 to 940 MHz
• Specified 7.5 Volt Characteristics:
   RF Input Power — 1.0 mW (0 dBm)
   RF Output Power — 4.0 W
   Minimum Gain — 36 dB
   Harmonics — –45 dBc Max @ 2.0 fo
• 50 Ohm Input/Output Impedances
• Guaranteed Stability and Ruggedness
• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MHW804-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
More results


Similar Description - MHW804-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
logo
List of Unclassifed Man...
PM2602 ETC2-PM2602 Datasheet
766Kb / 4P
RFIC RF SWITCH 800 TO 2500 MHZ OPERATION
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
API Technologies Corp
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
logo
Analog Devices
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
logo
Artesyn Technologies
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com