Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR144M Datasheet (PDF) - API Technologies Corp

MR144M Datasheet PDF - API Technologies Corp
Part # MR144M
Download  MR144M Download
File Size   114.22 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz

MR144M Datasheet (PDF)

Go To PDF Page Download Datasheet
MR144M Datasheet PDF - API Technologies Corp

Part # MR144M
Download  MR144M Click to download

File Size   114.22 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz

MR144M Datasheet (HTML) - API Technologies Corp




Similar Part No. - MR144M

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144L APITECH-MR144L Datasheet
203Kb / 3P
RF/LO: 4 to 18 GHz IF: DC to 800 MHz
More results


Similar Description - MR144M

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR144L APITECH-MR144L Datasheet
203Kb / 3P
RF/LO: 4 to 18 GHz IF: DC to 800 MHz
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR141M APITECH-MR141M Datasheet
108Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR141H APITECH-MR141H Datasheet
109Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR140H APITECH-MR140H Datasheet
108Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF:1.0 to 10.0 GHz
MR139M APITECH-MR139M Datasheet
116Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: 10 to 3000 MHz
MR139L APITECH-MR139L Datasheet
116Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: 10 to 5000 MHz
MR139H APITECH-MR139H Datasheet
116Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: 10 to 3000 MHz
MR128 APITECH-MR128 Datasheet
105Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: 10 to 3000 MHz
MR105H APITECH-MR105H Datasheet
134Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com