Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR144L Datasheet (PDF) - API Technologies Corp

MR144L Datasheet PDF - API Technologies Corp
Part # MR144L
Download  MR144L Download
File Size   203.61 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 4 to 18 GHz IF: DC to 800 MHz

MR144L Datasheet (PDF)

Go To PDF Page Download Datasheet
MR144L Datasheet PDF - API Technologies Corp

Part # MR144L
Download  MR144L Click to download

File Size   203.61 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 4 to 18 GHz IF: DC to 800 MHz

MR144L Datasheet (HTML) - API Technologies Corp




Similar Part No. - MR144L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
More results


Similar Description - MR144L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR147M APITECH-MR147M Datasheet
206Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR147L APITECH-MR147L Datasheet
207Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR147H APITECH-MR147H Datasheet
195Kb / 3P
RF/LO: 3 to 18 GHz IF: DC to 800 MHz
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
MR126L APITECH-MR126L Datasheet
109Kb / 1P
RF/LO: 1 to 18 GHz IF: DC to 500 MHz
MR117 APITECH-MR117 Datasheet
179Kb / 3P
RF/LO: 2 to 18 GHz IF: DC to 300 MHz
MR105M APITECH-MR105M Datasheet
110Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
MR105H APITECH-MR105H Datasheet
134Kb / 1P
RF/LO: 2 to 18 GHz IF: DC to 800 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com