Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0335 Datasheet (PDF) - List of Unclassifed Manufacturers

CMM0335 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMM0335
Download  CMM0335 Download
File Size   34.28 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier

CMM0335 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0335 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMM0335
Download  CMM0335 Click to download

File Size   34.28 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier

CMM0335 Datasheet (HTML) - List of Unclassifed Manufacturers


CMM0335 Product details

[Celeritek]

Description
The CMM0335 is a highly efficient, 6V power amplifier intended for use in portable cellular handsets and datacom products operating in the SMR, GSM and 902–928 MHz ISM bands. As a pin-compatible member of the new Triniti DX™ amplifier family, the CMM0335 offers maximum performance and flexibility.The CMM0335 is packaged in a low-cost, space efficient SO-8 power package that gives excellent electrical stability and thermal handling performance with a RΘ of less than 18° C/W. The part is designed to require minimal external circuitry for bias matching, simplifying design and keeping board space and cost to a minimum.

Features
❏ 55% Power Added Efficiency
❏ 35 dBm Output Power
❏ Low Harmonic Distortion
❏ Low Cost, SO-8 Surface Mount Package
❏ 34 dB Gain

Applications
❏ GSM Class IV Cellular Handsets
❏ 900 MHz ISM Products
❏ SMR Radio




Similar Part No. - CMM0335

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM0330 ETC1-CMM0330 Datasheet
34Kb / 2P
824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier
CMM0330-AK ETC1-CMM0330-AK Datasheet
34Kb / 2P
824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier
CMM0330-AK-000T ETC1-CMM0330-AK-000T Datasheet
34Kb / 2P
824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier
More results


Similar Description - CMM0335

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW912 MOTOROLA-MHW912 Datasheet
128Kb / 6P
12.5 W 884 to 915 MHz RF POWER AMPLIFIER
MHW913 MOTOROLA-MHW913 Datasheet
70Kb / 4P
14 WATT 880-915 MHz RF POWER AMPLIFIER
MHW932 MOTOROLA-MHW932 Datasheet
117Kb / 6P
32 W 890 to 915 MHz RF POWER AMPLIFIER
logo
Tyco Electronics
ESMD-C2HX2 MACOM-ESMD-C2HX2 Datasheet
82Kb / 2P
E - Series Surface Mount Mixer 890 - 915 MHz
logo
Transcom, Inc.
TA001-010-24-27 TRANSCOM-TA001-010-24-27 Datasheet
46Kb / 2P
50 ~ 1000 MHz 27 dBm Power Amplifier
logo
World Produts Inc.
WPANT10016 WPI-WPANT10016 Datasheet
206Kb / 3P
860 / 915 MHz ISM Band and GSM Embedded Antenna
logo
Skyworks Solutions Inc.
SKY65094-360LF SKYWORKS-SKY65094-360LF Datasheet
999Kb / 16P
698 to 915 MHz Low-Noise Power Amplifier Driver
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
TAI-SAW TECHNOLOGY CO.,...
TL0023A TAI-SAW-TL0023A Datasheet
604Kb / 7P
LTCC Filter 902.5(890 ~ 915) MHz SMD 2.0x1.25 mm (25MHz BW)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com