Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH081O-35 Datasheet (PDF) - Tyco Electronics

PH081O-35 Datasheet PDF - Tyco Electronics
Part # PH081O-35
Download  PH081O-35 Download
File Size   206.7 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 35W 850 - 960 MHz

PH081O-35 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH081O-35 Datasheet PDF - Tyco Electronics

Part # PH081O-35
Download  PH081O-35 Click to download

File Size   206.7 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 35W 850 - 960 MHz

PH081O-35 Datasheet (HTML) - Tyco Electronics


PH081O-35 Product details

Features
• Designed for Linear Amplifier Applications
• Class AB: -30 dBc Typ. 3rd IMD at 15 Watts PEP
• Class A: +53 dBc Typ. 3rd order intercept point
• Common Emitter Configuration
• Internal Input Impedance Matching
• Diffused Emitter Ballasting




Similar Part No. - PH081O-35

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
logo
M/A-COM Technology Solu...
PH0810-15 MA-COM-PH0810-15 Datasheet
92Kb / 2P
Wireless Power Transistor 15W, 850-960MHz, 26V
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
Wireless bipolar power transistor, 35W 850-960MHz
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
logo
Pulse A Technitrol Comp...
PH0810CNL PULSE-PH0810CNL Datasheet
691Kb / 3P
HIGH FREQUENCY FLAT COIL PLANAR TRANSFORMERS
More results


Similar Description - PH081O-35

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
Wireless Power Transistor 15 Watts, 850 - 960 MHz
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
Wireless bipolar power transistor, 35W 850-960MHz
logo
Tyco Electronics
MAAPSS0095 MACOM-MAAPSS0095 Datasheet
239Kb / 5P
RF Power Amplifier for RFID 850 - 960 MHz
PH1819-45 MACOM-PH1819-45 Datasheet
137Kb / 2P
Wireless Bipolar Power Transistor, 45W 1805 - 1880 MHz
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
logo
M/A-COM Technology Solu...
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1920-33 MA-COM-PH1920-33 Datasheet
136Kb / 2P
Wireless Bipolar Power Transistor 33W, 1930-1900 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com