Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH0814-40 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PH0814-40 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PH0814-40
Download  PH0814-40 Download
File Size   141.64 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V

PH0814-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH0814-40 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PH0814-40
Download  PH0814-40 Click to download

File Size   141.64 Kbytes
Page   1 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V

PH0814-40 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PH0814-40 Product details

Features
● NPN silicon microwave power transistor
● Common emitter configuration
● Broadband Class AB operation
● Interdigitated geometry
● Diffused emitter ballasting resistors
● Gold metalization system
● Internal input and output impedance matching
● Hermetic metal / ceramic package




Similar Part No. - PH0814-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
Linear Power Transistor, 40W 850 - 1450 MHz
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
More results


Similar Description - PH0814-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
Linear Power Transistor, 40W 850 - 1450 MHz
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
logo
List of Unclassifed Man...
PH0810-35 ETC1-PH0810-35 Datasheet
180Kb / 3P
Wireless bipolar power transistor, 35W 850-960MHz
logo
M/A-COM Technology Solu...
PH0810-15 MA-COM-PH0810-15 Datasheet
92Kb / 2P
Wireless Power Transistor 15W, 850-960MHz, 26V
PH0810-35 MA-COM-PH0810-35 Datasheet
213Kb / 3P
Wireless Bipolar Power Transistor 35W, 850-960MHz, 24V
PH1516-10 MA-COM-PH1516-10 Datasheet
195Kb / 4P
Wireless Bipolar Power Transistor
PH1617-30 MA-COM-PH1617-30 Datasheet
196Kb / 3P
Wireless Bipolar Power Transistor
PH1617-2 MA-COM-PH1617-2 Datasheet
199Kb / 4P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com