Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH0814-40 Datasheet (PDF) - Tyco Electronics

PH0814-40 Datasheet PDF - Tyco Electronics
Part # PH0814-40
Download  PH0814-40 Download
File Size   96.87 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Linear Power Transistor, 40W 850 - 1450 MHz

PH0814-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH0814-40 Datasheet PDF - Tyco Electronics

Part # PH0814-40
Download  PH0814-40 Click to download

File Size   96.87 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Linear Power Transistor, 40W 850 - 1450 MHz

PH0814-40 Datasheet (HTML) - Tyco Electronics


PH0814-40 Product details

Features
● NPN Silicon Microwave Power Transistor
● Common Emitter Configuration
● Broadband Class AB Operation
● Interdigitated Geometry
● Diffused Emitter Ballasting Resistors
● Gold Metalization System
● Internal Input and Output Impedance Matching
● Hermetic Metal / Ceramic Package




Similar Part No. - PH0814-40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
More results


Similar Description - PH0814-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1131 MACOM-PA1131 Datasheet
41Kb / 1P
850-900 MHz. Ultra Linear Amplifier
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
PHI516160 MACOM-PHI516160 Datasheet
193Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
logo
Stealth Microwave, Inc.
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
850-900 MHz 30 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PH0814-40 MA-COM-PH0814-40 Datasheet
141Kb / 1P
Wireless Bipolar Power Transistor 40W, 850-960MHz, 24V
logo
TAI-SAW TECHNOLOGY CO.,...
TA1171A TAI-SAW-TA1171A Datasheet
369Kb / 6P
SAW Filter 1450 MHz
logo
KR Electronics, Inc.
3078-1450 KR-3078-1450 Datasheet
75Kb / 3P
1450 MHz Center Frequency
3257 KR-3257 Datasheet
69Kb / 3P
1450 MHz Lowpass Filter
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com