Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHI516160 Datasheet (PDF) - Tyco Electronics

PHI516160 Datasheet PDF - Tyco Electronics
Part # PHI516160
Download  PHI516160 Download
File Size   193.73 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz

PHI516160 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHI516160 Datasheet PDF - Tyco Electronics

Part # PHI516160
Download  PHI516160 Click to download

File Size   193.73 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz

PHI516160 Datasheet (HTML) - Tyco Electronics


PHI516160 Product details

Features
• Designed for Linear Amplifier Applications
• Class AB: -30 dBc Typ 3rd IMD at 60 Watts PEP
• Class A: +53 dBm Typ 3rd Order Intercept Point
• Common Emitter Configuration
• Internal Input Impedance Marching
• Diffused Emitter Ballasting





Similar Description - PHI516160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
PH1819-45 MACOM-PH1819-45 Datasheet
137Kb / 2P
Wireless Bipolar Power Transistor, 45W 1805 - 1880 MHz
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
logo
M/A-COM Technology Solu...
PH1516-60 MA-COM-PH1516-60 Datasheet
190Kb / 3P
Wireless Bipolar Power Transistor 60W, 1450-1550 GHz
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1819-45 MA-COM-PH1819-45 Datasheet
184Kb / 2P
Wireless Bipolar Power Transistor 45W, 1805-1880 MHz
PH1920-33 MA-COM-PH1920-33 Datasheet
136Kb / 2P
Wireless Bipolar Power Transistor 33W, 1930-1900 MHz
PH1920-45 MA-COM-PH1920-45 Datasheet
138Kb / 2P
Wireless Bipolar Power Transistor 45W, 1930-1990 MHz
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com