Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7026 Datasheet (PDF) - ATMEL Corporation

T7026 Datasheet PDF - ATMEL Corporation
Part # T7026
Download  T7026 Download
File Size   143.05 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ISM 2.4 GHz Front End IC

T7026 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7026 Datasheet PDF - ATMEL Corporation

Part # T7026
Download  T7026 Click to download

File Size   143.05 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ISM 2.4 GHz Front End IC

T7026 Datasheet (HTML) - ATMEL Corporation


T7026 Product details

Description

The T7026 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like DECT, IEEE 802.11 FHSS WLAN, home RF and ISM proprietary radios. Due to the ramp-control feature and a very low quiescent current, an external switch transistor for VS is not required.



Features

• Single 3-V Supply Voltage

• High-power-added Efficient Power Amplifier (Pout Typically 28 dBm)

• Ramp-controlled Output Power

• Low-noise Preamplifier (NF Typically 2.1 dB)

• Biasing for External PIN Diode T/R Switch

• Current-saving Standby Mode

• Few External Components

• Package: QFN20



 




Similar Part No. - T7026

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026-PGP ATMEL-T7026-PGP Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7026-PGPW ATMEL-T7026-PGPW Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7026-PGQ ATMEL-T7026-PGQ Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7026-PGQW ATMEL-T7026-PGQW Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
More results


Similar Description - T7026

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
Bluetooth??ISM 2.4-GHz Front- End IC
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
logo
ATMEL Corporation
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com