Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC309MS8 Datasheet (PDF) - Hittite Microwave Corporation

HMC309MS8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC309MS8
Download  HMC309MS8 Download
File Size   171.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2.4 GHz FRONT-END LNA / SWITCH IC

HMC309MS8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC309MS8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC309MS8
Download  HMC309MS8 Click to download

File Size   171.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2.4 GHz FRONT-END LNA / SWITCH IC

HMC309MS8 Datasheet (HTML) - Hittite Microwave Corporation


HMC309MS8 Product details

General Description
The HMC309MS8 is a versatile integrated low noise amplifier (LNA) and transmit/receive switch front-end for 2.3 to 2.5 GHz spread spectrum applications including BLUETOOTH, HomeRF, 802.11 WLAN, and 2.4 GHz ISM radios. The LNA offers 8 dB gain and 2.5 dB noise figure while the transmit switch path has 0.5 dB insertion loss and better than +30 dBm linear power handling. Using a single control line, the LNA is powered down when the switch Tx port is selected minimizing Idd current consumption to 5 mA in the Rx mode and 120 uA in the Tx mode at Vdd = +3V bias. The HMC309MS8 may be directly interfaced with popular 2.4 GHz transceiver chips. At a height of 0.040” (1.0mm), the MSOP8 package is ideal for low profile portable wireless devices.

Features
   INTEGRATED LNA & SWITCH
   INTEGRATED POWER CONTROL: +3V OPERATION
   IDEAL FOR 802.11, HomeRF, & BLUETOOTH APPLICATIONS
   ULTRA SMALL 8 LEAD MSOP: 14.8 mm² x 1mm High




Similar Part No. - HMC309MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
More results


Similar Description - HMC309MS8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
Bluetooth??ISM 2.4-GHz Front- End IC
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
ATMEL Corporation
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
logo
Skyworks Solutions Inc.
SKY65336-11 SKYWORKS-SKY65336-11 Datasheet
251Kb / 12P
2.4 GHz Transmit/Receive Front-End Module with Integrated LNA
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8_04 Datasheet
239Kb / 6P
GaAs MMIC 2.4 GHz FRONT-END LNA / SWITCH
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com