Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7024 Datasheet (PDF) - ATMEL Corporation

T7024 Datasheet PDF - ATMEL Corporation
Part # T7024
Download  T7024 Download
File Size   377.49 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Bluetooth??ISM 2.4-GHz Front- End IC

T7024 Datasheet (PDF)

Go To PDF Page Download Datasheet
T7024 Datasheet PDF - ATMEL Corporation

Part # T7024
Download  T7024 Click to download

File Size   377.49 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Bluetooth??ISM 2.4-GHz Front- End IC

T7024 Datasheet (HTML) - ATMEL Corporation


T7024 Product details

1. Description

The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth® and WDCT.

Due to the ramp-control feature and a very low quiescent current, an external switch transistor for V is not required.



Features

• Single 3-V Supply Voltage

• High Power-added Efficient Power Amplifier (Pout Typically 23 dBm)

• Ramp-controlled Output Power

• Low-noise Preamplifier (NF Typically 2.1 dB)

• Biasing for External PIN Diode T/R Switch

• Current-saving Standby Mode

• Few ExternalComponents

• Packages:

– PSSO20

– QFN20 with Extended Performance




Similar Part No. - T7024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7024 ATMEL-T7024 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
T7024-PGM ATMEL-T7024-PGM Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024-PGPM ATMEL-T7024-PGPM Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024-PGPM ATMEL-T7024-PGPM Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
More results


Similar Description - T7024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
2.4 GHz FRONT-END LNA / SWITCH IC
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
Bluetooth/ISM 2.4-GHz Front-End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
Bluetooth/ISM 2.4-GHz Front-end IC
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026 Datasheet
143Kb / 10P
ISM 2.4 GHz Front End IC
logo
Skyworks Solutions Inc.
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com